PART |
Description |
Maker |
CT1210K20AUTOG B72530E1200K062 |
Ceramic transient voltage suppressors SMD multilayer varistor, E series
|
EPCOS
|
B72530E0300K062 CT1210K30G |
Ceramic transient voltage suppressors SMD multilayer varistor, E series
|
EPCOS
|
CT2220K20G |
Ceramic transient voltage suppressors SMD multilayer varistor, E series
|
EPCOS
|
SMB13 |
(SMB Series) Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
|
LITE-ON Semiconductor
|
B72650M301K72 B72660M271K72 |
SMD disk varistors standard series Ceramic transient voltage suppressors
|
EPCOS
|
SA28A SA5.0A SA45A SA40A SA15A SA150A SA170A ON278 |
From old datasheet system Zener Transient Voltage Suppressors Undirectional and Bidirectional MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS RES 316 OHM 1/10W .5% 0805 SMD
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semi Motorola Inc Motorola, Inc.
|
1V5KE8V2CA 1V5KE8V2A 1V5KE36A 1V5KE30CA 1VKE62_CA |
Transient Voltage Suppressors 瞬态电压抑制器 Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Thick Film Resistor Network; Series:T914; Resistance:20kohm; Resistance Tolerance: /- 0.1%; Power Rating:0.4W; Operating Temperature Range:0 C to 70 C; Resistor Element Material:Thick Film; Temperature Coefficient:25 ppm RoHS Compliant: Yes Thick Film Resistor Network; Series:T914; Resistance:10kohm; Resistance Tolerance: /- 0.1%; Power Rating:0.4W; Operating Temperature Range:0 C to 70 C; Resistor Element Material:Thick Film; Temperature Coefficient:25 ppm RoHS Compliant: Yes TransientVoltageSuppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FairchildSemiconductor FAIRCHILD[Fairchild Semiconductor] http://
|
1.5SMC300A-E3-57T 15SMCSERIES 1.5SMC510A 1.5SMC6.8 |
Surface Mount TRANSZORB? Transient Voltage Suppressors Low profile package TVS SGL BI-DIR 136V 1.5KW 2PIN SMC - Tape and Reel Surface Mount TRANSZORB Transient Voltage Suppressors Surface Mount TRANSZORB Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Surface Mount TRANSZORB? Transient Voltage Suppressors Low profile package
|
Vishay Siliconix Vishay Semiconductors
|
ESD9B5.0ST5G |
Transient Voltage Suppressors(瞬变电压抑制 BIDIRECTIONAL, SILICON, TVS DIODE Transient Voltage Suppressors(????靛??????
|
ON Semiconductor
|
LCE28A LCE6.5 LCE6.5-E3_54 LCE6.5A LCE8.0 LCE8.0A |
Low Capacitance TRANSZORB㈢ Transient Voltage Suppressors Low Capacitance TRANSZORB? Transient Voltage Suppressors Low Capacitance TRANSZORB庐 Transient Voltage Suppressors Low Capacitance TRANSZORB垄莽 Transient Voltage Suppressors
|
Vishay Siliconix
|
1SMA24AT3 1SMA70AT3 1SMA40AT3 1SMA5.0AT3 1SMA6.0AT |
Zener Transient Voltage Suppressors 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE PT 1.5/ 4-3.5-H PLASTIC SURFACE MOUNT ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS 5.08 VOLTS VR 400 WATTS PEAK POWER From old datasheet system
|
ON Semiconductor Motorola Mobility Holdings, Inc. Motorola, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
P4KE11CA-TR3 P4KE33A-E3-73 4KE540A |
TVS SGL BI-DIR 9.4V 400W 2PIN DO-204AL - Tape and Reel TRANSZORB? Transient Voltage Suppressors TRANSZORB Transient Voltage Suppressors
|
Vishay Semiconductors Vishay Siliconix
|