PART |
Description |
Maker |
HA-2850 HA9P2850-5 FN2844 |
470MHz, Low Power, High Slew Operational Amplifier From old datasheet system 470MHz Low Power High Slew Operational Amplifier 470MHz, Low Power, High Slew Rate Operational Amplifier 470MHz/ Low Power/ High Slew Operational Amplifier 470MHz, Low Power, High Slew Rate
Operational Amplifier(470MHz、低功耗、高转换速率运算放大
|
INTERSIL[Intersil Corporation]
|
MP5013E |
5V, 2A, Programmable Current-Limit Switch with Over-Voltage Clamp and Slew Rate Control in a TSOT23-8
|
Monolithic Power System...
|
MAX1482 MAX1482CPD MAX1482CSD MAX1482EPD MAX1482ES |
20A, 1.8-Unit-Load, Slew-Rate-Limited RS-485 Transceivers 20A / 1.8-Unit-Load / Slew-Rate-Limited RS-485 Transceivers Low Power, Slew-Rate-Limited RS-485 Transceivers(250kbps锛????伐锛?S-485?跺??? Low Power, Slew-Rate-Limited RS-486 Transceivers(250kbps锛????伐锛?S-485?跺???
|
Maxim Integrated Produc... MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MC34181 MC34181D MC34181P MC34182D MC34182P MC3418 |
From old datasheet system Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers Low Power, High Slew Rate, Wide Bandwidth, JFET Input Operational Amplifiers
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc]
|
28C010ERPGP-15 28C010ERPGP-12 28C010ERPGI-15 28C01 |
±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps High-/Full-Speed USB 2.0 Switches x8的EEPROM 128Kx8 EEPROM 128Kx8 EEPROM Hex SPDT Data Switch x8的EEPROM
|
Infineon Technologies AG Vishay Intertechnology, Inc. TE Connectivity, Ltd. ITT, Corp. Jameco Electronics
|
MAX3483 MAX3483CPA MAX3483CSA MAX3483EPA MAX3483ES |
3.3V Powered, 10Mbps and Slew-Rate Limited, True RS-485/RS-422 Transceivers 3.3V-Powered 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers 3.3V-Powered / 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers QVGA-HVGA 27-Bit Display Serial Interface Receiver 48-BGA MICROSTAR JUNIOR -40 to 85 SWITCH, 6MM S0/8.5MM HT TACT 3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
MAX485 |
Low-Power, Slew-Rate-Limited RS-485Transceivers(2.5Mbps,???宸? RS-485?跺????存?LTC485浠g?浠?
|
Maxim Integrated Products, Inc.
|
ADM489 ADM488 |
Low Power, Slew Rate Limited RS-485, Contains an Additional Receiver and Driver Enable Control
|
Analog Devices
|
HA-2850/883 HA-2850883 |
Low Power, High Slew Rate, Wideband Operational Amplifier 低功耗,高摆率,宽带运算放大
|
Intersil, Corp.
|