PART |
Description |
Maker |
3314J-1-500E 3314J-1-101E 3314J-1-102E 3314J-1-201 |
3314 - 4 mm Square Trimpot? Trimming Potentiometer Square Trimpot Trimming Potentiometer J-hook, gull-wing and pinned configurations 3314 - 4 mm Square Trimpot Trimming Potentiometer
|
Bourns Electronic Solutions
|
3386P-1-503 3386B 3386C |
3386 - 3/8 ?Square Trimpot? Trimming Potentiometer Square Trimpot Trimming Potentiometer Available with cross-slot rotor
|
Bourns Electronic Solutions
|
3266W-1-101ALF 3266W-1-101RLF 3266W-1-504ALF |
Square Trimpot? Trimming Potentiometer
|
Bourns Electronic Solutions Bourns Electronic Solut...
|
3290 3290H-1-100M 3290H-1-101M 3290H-1-200M 3290H- |
Square Trimpot? Trimming Potentiometer
|
Bourns Electronic Solutions
|
3314J-2-502E 3314J-2-502G 3314J-1-502E 3314J-1-502 |
3314 - 4 mm Square Trimpot Trimming Potentiometer
|
Bourns Electronic Solutions
|
3266W-1-103ALF |
3266 - 1/4 ?Square Trimpot? Trimming Potentiometer
|
Bourns Electronic Solutions
|
RJR24FX502P RJR24FP104R RJR24FW103P |
RJ24/RJR24 - 3/8 Square Trimpot Trimming Potentiometer RJ24/RJR24 - 3/8 ?Square Trimpot? Trimming Potentiometer RJ24/RJR24 - 3/8 Square Trimpot Trimming Potentiometer
|
Bourns Electronic Solut...
|
INA110SG-BI |
INSTRUMENTATION AMPLIFIER, 3250 uV OFFSET-MAX, 2.5 MHz BAND WIDTH, CDIP16
|
|
1N202G RL201G 1N201G 1N203G 1N204G 1N205G 1N206G 1 |
GENERAL PURPOSE PLASTIC RECTIFIER Reverse Voltage - 50 to 1000 Volts, Forward Current - 2.0Amperes TRIMPOT 100 OHM 3MM CERMET SMD TRIMPOT 100K OHM 3MM CERMET SMD GENERAL PURPOSE PLASTIC RECTIFIER 通用树脂整流
|
Shanghai Lunsure Electronic... Chenyi Electronics CHENYI[Shanghai Lunsure Electronic Tech] 上海朗硕科技有限公司 Shanghai LUNSURE Electronic Technology Co., Ltd.
|
3266 3266-W-1-103LF 3266X-1-200 3266X-1-254 3266X- |
1/4 Square Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 2000 ohm 1/4 Square Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 20000 ohm 1/4 Square Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 200000 ohm 1/4 Square Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 100000 ohm 1/4 Square Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 500000 ohm 1/4 Square Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 50000 ohm 1/4 Square Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 20 ohm 1/4 Square Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 50 ohm 1/4 Square Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 10 ohm 1/4 Square Trimming Potentiometer 四分之一广场微调电位 1/4 Square Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 12 TURN(S), 0.25 W, 100 ohm Square Trimming Potentiometer 广场微调电位
|
Bourns Inc. 可调电阻 Bourns, Inc.
|
3312J-1-100 3312J-1-103 3312J-1-102 3312J-1-105 33 |
2 mm SMD Trimpot Trimming Potentiometer
|
Bourns Electronic Solutions
|
170M4011 170M4008 170M4009 170M4010 170M4012 170M4 |
Square Body ?DIN 43 653 690V/700V IEC/UL40-2000A Electrical Characteristics Square Body-DIN 43 653 Square Body- DIN 43 653 Square Body- DIN 43 653
|
Cooper Bussmann, Inc.
|