PART |
Description |
Maker |
ASIS50-28 |
NPN SILICON RF POWER TRANSISTOR NPN SILICON RF POWER TRANSISTOR 14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator HF BAND, Si, NPN, RF POWER TRANSISTOR
|
ASI[Advanced Semiconductor] Advanced Semiconductor, Inc. ADVANCED SEMICONDUCTOR INC
|
MJE240 MJE243 MJE252 MJE254 MJE241 MJE242 MJE244 M |
Leaded Power Transistor General Purpose COMPLEMENTARY SILICON POWER TRANSISTORS 4 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-126 (MJE250 - MJE254 / MJE240 - MJE244) COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system
|
Central Semiconductor, Corp. CENTRAL[Central Semiconductor Corp] http://
|
MJE371 ON2036 |
POWER TRANSISTOR PNP SILICON 4 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-225AA 4 AMPERE POWER TRANSISTOR PNP SILICON 40 VOLTS 40 WATTS From old datasheet system
|
ON Semiconductor MOTOROLA[Motorola, Inc]
|
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
BUV21 BUV21_D ON0257 |
From old datasheet system 40 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 250 WATTS SITCHMODE Series NPN Silicon Power Transistor
|
Motorola, Inc. ON Semiconductor
|
2SA1742 2SA1742K 2SA1742-K |
7 A, 60 V, PNP, Si, POWER TRANSISTOR Silicon powor transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC]
|
STD13003 |
Switching Bipolar Power Transistor |Power Transistor |400V 1.5A 1.2W HFE8~40 开关功率晶体管|功率晶体管| 400V 1.5A的功率为1.2W HFE840 NPN Silicon Power Transistor
|
AUK, Corp. AUK[AUK corp]
|
BD180 ON0190 |
POWER TRANSISTOR PNP SILICON CASE 77-09 TO-225AA TYPE From old datasheet system Plastic Medium Power Silicon PNP Transistor
|
Motorola Inc ON Semiconductor MOTOROLA[Motorola, Inc]
|
BUV20D BUV20 BUV60 BUV20-D |
Power 50A 125V NPN TO204 SWITCHMODE Series NPN Silicon Power Transistor SWITCHMODE Series NPN Silicon Power Transistor SITCHMODE Series NPN Silicon Power Transistor
|
ONSEMI[ON Semiconductor]
|
TIP140 TIP141 TIP142 TIP147 TIP146 TIP145 -TIP142 |
10 A, 60 V, NPN, Si, POWER TRANSISTOR, TO-218 COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS PNP Epitaxial Silicon Darlington Transistor
|
http:// STMICROELECTRONICS[STMicroelectronics] Fairchild Semiconductor
|
2SD2164 |
Silicon power transistor NPN SILICON EPITAXIAL TRANSISTOR FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
|
NEC
|