PART |
Description |
Maker |
SF502GP SF504GP SF500GP SF501GP SF503GP |
5.0A, 400V ultra fast recovery rectifier 5 Amp Surper Fast 50 - 4 00 Volts Recovery Rectifiers
|
MCC[Micro Commercial Components]
|
CURNM101-HF CURNM104-HF CURNM103-HF CURNM105-HF CU |
SMD Ultra Fast Recovery Rectifiers Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=400V, V-R=400V, I-O=1A Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=1000V, V-R=1000V, I-O=1A Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=1A Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=800V, V-R=800V, I-O=1A Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=1A
|
Marl International Limi... Comchip Technology
|
EG1ME |
Ultra Fast Recovery Pack: A-405 Glass Passivated Junction Ultra Fast Recovery Plastic Rectifiers VOLTAGE:1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
FFA20U40DN FFA20U40DNTU |
20A/400V Ultra Fast Recovery Rectifiers ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
FFPF10U20S FFPF10U20 FFPF10U20STU |
ULTRA FAST RECOVERY POWER RECTIFIER 10A/200V Ultra Fast Recovery Rectifiers
|
FAIRCHILD[Fairchild Semiconductor]
|
1N4933THRU1N4937 1N4935 |
FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE FAST RECOVERY RECTIFIERS 5000 VOLTS 1.0 AMPERE
|
Motorola, Inc.
|
CSFA102-G CSFA103-G CSFA104-G CSFA105-G |
Super Fast Recovery Rectifiers, V-RRM=100V, V-R=100V, I-O=1A Super Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=1A Super Fast Recovery Rectifiers, V-RRM=400V, V-R=400V, I-O=1A Super Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=1A
|
Comchip Technology
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
RS1BB |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|
1N4933L 1N4934L 1N4935L 1N4936L 1N4937L |
Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes
|