PART |
Description |
Maker |
1S922 1S923 1S923TR 1S922TR |
Small Signal Diode 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 Small Signal Diode 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-35 High Conductance Fast Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
1N914BWS 1N4148WS |
Small Signal Diode; Package: SOD-323F; No of Pins: 2; Container: Tape & Reel 0.15 A, 100 V, SILICON, SIGNAL DIODE Small Signal Diodes
|
Fairchild Semiconductor, Corp.
|
BAW74 BAW74D87Z |
High Conductance Fast Diode Small Signal Diode 0.2 A, 50 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
BAT54ACJW BAT54AW BAT54JFILM |
SMALL SIGNAL SCHOTTKY DIODE SMALL SIGNAL SCHOTTKY DIODE 0.3 A, 30 V, 2 ELEMENT, SILICON, SIGNAL DIODE
|
STMICROELECTRONICS ST Microelectronics
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
BSV12 BSW65 BSS44 BSW67 BSX64 BSV16 BFY50 BSX60 BS |
Small Signal Transistors 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Siemens Semiconductor Group Seme LAB
|
ZVP2110ASTZ UZVN3306ASTOB DIODESINC-ZVN3306ASMTA U |
230 mA, 100 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET TO-92 COMPATIBLE, E-LINE PACKAGE-3 270 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 100 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 260 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 90 mA, 450 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 450 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes, Inc. ZETEX PLC DIODES INC
|
MA141WATX MA142AH 2SK663H |
0.1 A, 2 ELEMENT, SILICON, SIGNAL DIODE 0.1 A, SILICON, SIGNAL DIODE 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET
|
PANASONIC CORP
|
1N4148PA |
small signal diode 0.2 A, 100 V, SILICON, SIGNAL DIODE, DO-35
|
Fairchild Semiconductor, Corp.
|
LL101A-GS08 LL101B-GS08 LL101C-GS08 LL101A-GS18 LL |
Small Signal Schottky Diodes 0.03 A, 50 V, SILICON, SIGNAL DIODE, DO-213AA
|
Vishay Siliconix http:// VISHAY SEMICONDUCTORS
|
|