PART |
Description |
Maker |
RM10R-0R02-J |
SURFACE MOUNT RM Series: Less Than 1 ohm & Greater than 10 Meg ohms RESISTORS
|
RFE international
|
MP8-3W-1W-30 MP1-3D-3E-00 MP1-3E-3E-30-404 MP4-1E- |
Current share on all outputs with ratings of 10 A or greater 400-1200 Watts
|
Emerson Network Power ASTEC[Astec America, Inc]
|
B7100 |
THE Bayfront series features a sturdy aluminum housing for greater durability and a diffusd lens to maximize output uniformity.
|
List of Unclassifed Manufacturers
|
IDT72255L12G IDT72255L15G IDT72255L25G IDT72265L10 |
Bi-Directional Triode Thyristor Planar Silicon; Package: TO-220F; No of Pins: 3; Container: Rail COVERS DUCT TO PROTECT WIRES, IMPROVE AESTHETICS ANDPROVIDE GREATER WIRE CAPACITY CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18 8K X 18 OTHER FIFO, 9 ns, PQFP64 CMOS SUPERSYNC FIFOO 8,192 x 18, 16,384 x 18 的CMOS SUPERSYNC FIFOO 8192 × 186,384 × 18
|
Integrated Device Technology, Inc.
|
IMP1233D IMP1810 IMP1811 IMP1812 IMP1815 IMP1816 I |
4.125V power reset RELAY 024VDC 01A DPDT-XX FORM:2C UC Bi-Lobe Standard Metal Shell Nano Offset Connector Low Power 5V/3.0V P Reset Low Power/ 5V/ P Reset Low Power, 5V, 楼矛P Reset Low Power 5V P Reset Low Power, 5V, P Reset Low Power, 5V, μP Reset 4.375V power reset
|
IMP INC. IMP Inc IMP[IMP, Inc] IMP[IMP Inc]
|
BUW36 BUY69A BUY69B BUX48 BUX80 BDX87 BDX88 BDW51 |
Leaded Power Transistor Darlington Power Transistors 15 A, 45 V, PNP, Si, POWER TRANSISTOR, TO-3 INDUCTOR PWR UNSHIELD 470UH SMT Certification- 5.2kVDC Isolation- Power Sharing- Pin Compatible with RH & RK Series, SIP DC-DC Converters- UL94V-0 Package M Leaded Power Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
AT73C203 |
Power Management IC for Datacom Platforms 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PBGA100 The AT73C203 is a low-cost, ultra low-power, power and battery management IC designed to interface directly with portable and hand-held applications built around microprocessors requiring smart power management functions. It includes all r
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
BLF872 BLF872-2015 |
UHF power LDMOS transistor UHF power LDMOS transistor - Description: UHF LDMOS POWER Transistor ; Efficiency: 55 %; Frequency band: 470-860 GHz; Output power: 300 W; Package material: SOT800A ; Power gain: 16.5 dB
|
NXP Semiconductors Quanzhou Jinmei Electro...
|
GSM11 |
Low Power Medical Power Supplies 11 Watt AC/DC Universal Input Power Supply
|
SL Power Electronics
|
2SA886 2SA0886 |
Power Device - Power Transistors - Others Silicon PNP epitaxial planar type (For low-frequency power amplification Complementary)
|
PANASONIC[Panasonic Semiconductor]
|
2SC5993 |
Power Device - Power Transistors - Television/Display For power amplification For TV VM circuit
|
PANASONIC[Panasonic Semiconductor]
|
FLS2100XS |
The FLS-XS series of general lighting power controllers includes highly integrated power switches for medium - to high-power lumens applications.
|
List of Unclassifed Man...
|