PART |
Description |
Maker |
SHE164RC_B SHE164RC SHE164RC1 |
Power Contactor; Coil Voltage DC Max:28V; Mounting Type:DIN Rail; Contacts:SPST-NC-DB; Relay Mounting:DIN Rail; Contact Rating:100A High Efficiency LED Lamp
|
AUK[AUK corp]
|
PFP PFP-50N PFP-100N PFP-100N2 PFP-M PFP-S |
DIN Rail Mounting Track
|
Omron Electronics LLC
|
DNC-4796 |
DIN RAIL MOUNTING CLIP
|
Bud Industries, Inc.
|
ADAM-3978 ADAM-39100 ADAM-3920 ADAM-3962 |
Wiring Terminals for DIN-rail Mounting
|
Advantech Co., Ltd.
|
BMXXBP1200 |
panel, plate or DIN rail mounting
|
List of Unclassifed Man...
|
ADAM-3854 |
4-channel DIN-rail Mounting Power Relay Module
|
Electronic Theatre Controls, Inc. Unknow List of Unclassifed Manufacturers
|
SIM765170 |
AC Semiconductor Contactor pitch 45mm compact size and DIN rail mounting.
|
celduc-relais
|
SIL867170 |
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
|
celduc-relais
|
ADAM-3952-J2S ADAM-3952-PMA |
PCI-1240U/PCM-3240 Wiring Terminals for DIN-rail Mounting
|
Advantech Co., Ltd.
|
SIL865170 |
AC Semiconductor Contactor pitch 22,5mm compact size and DIN rail mounting.
|
celduc-relais
|
802-Z1-016-20-001 800-10-016-20-001 800-90-016-20- |
Safety Control Relay; Contacts:4NO; Coil Voltage DC Max:24V; Contact Carry Current:6A; Relay Mounting:Din Rail; Contact Rating:6A 电路板连接器2.54毫米单列/双列焊尾 Safety Control Relay; Contacts:SPST-NO; Coil Voltage DC Max:24V; Contact Carry Current:4A; Relay Mounting:DIN Rail; Contact Rating:250VAC/VDC, 4 AAC/ADC; Height:110mm; Leaded Process Compatible:No; Mounting Type:DIN Rail 电路板连接器2.54毫米单列/双列焊尾 PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 12.0 - 45.0 V; IL(SC): 3.0 A; Diagnostic: n.a. PROFET: Smart High Side Switches; Package: PG-SOT223-4; Channels: 1.0; RON @ Tj = 25°C : 200.0 mOhm; Recommended Operating Voltage Range: 12.0 - 45.0 V; IL(SC): 3.0 A; Diagnostic: n.a. HITFET, TEMPFET - Smart Low-Side Switches; Package: PG-SOT223-4; Channels: 1.0; VDS (max): 60.0 V; ID(nom): 0.7 A; RDS (on) (max): 550.0 mOhm; ID(lim) (min): 1.0 A PCB connectors 2.54 mm Single row / double row Solder tail
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
5750319-2 |
Shielded Miniature Circular DIN Connectors; 4 POS MINI-DIN VRT SHLD CONN ( AMP )
|
Tyco Electronics
|