PART |
Description |
Maker |
PIC16F872T/SO PIC16F872/SO PIC16F872/SS PIC16LF872 |
28-Pin, 8-Bit CMOS FLASH Microcontroller 28-Pin / 8-Bit CMOS FLASH Microcontroller CAT 5E CROSSOVER PATCH CORD CABLE GREEN 10 FT 28-Pin/ 8-Bit CMOS FLASH Microcontroller
|
Microchip Technology Inc.
|
PIC12F629 PIC12F629EMF PIC12F629EP PIC12F629ESN PI |
8-Pin FLASH-Based 8-Bit CMOS Microcontrollers 8-Pin, 8-Bit CMOS Microcontroller with EEPROM Data Memory IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,8PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
S29AL008D55TFN023 S29AL008D70TFN023 S29AL008D70TFI |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 CONNECTOR ACCESSORY 连接器附 CONNECTOR ACCESSORY 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 55 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 JT 16C 16#16 PIN RECP CAP 0.015UF 50V 80-20% Z5U SMD-0805 TR-7-PL SN-NIBAR SSR OCMOS FET 200MA NO 6-SOIC
|
SPANSION LLC Spansion, Inc. Spansion Inc.
|
PIC16F874A-E/L PIC16F874A-E/ML PIC16F874A-E/P PIC1 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin Enhanced FLASH Microcontrollers
|
Microchip
|
PIC16LF77T |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology
|
PIC16F87X98 |
28/40-pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology
|
PIC16LF77I_SS |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology
|
AM29SL800B AM29SL800BB170EC AM29SL800BB170ECB AM29 |
High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 8-Bit Identity/Magnitude Comparators (P=Q) with Enable 20-CDIP -55 to 125 High Speed CMOS Logic Quad 2-Input EXCLUSIVE OR Gates 14-CDIP -55 to 125 4-Bit Magnitude Comparator 16-CDIP -55 to 125 High Speed CMOS Logic Dual Positive-Edge Trigger D Flip-Flops with Set and Reset 14-CDIP -55 to 125 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).8伏的CMOS只超低电压快闪记忆体 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 170 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1M X 8 FLASH 1.8V PROM, 200 ns, PDSO48
|
Advanced Micro Devices, Inc.
|
M6MGB_T166S2BWG M6MGB M6MGT166S2BWG E99007_A |
16,777,216-BIT (1,048,576 -WORD BY 16-BIT ) CMOS 3.3V-ONLY FLASH MEMORY & CMOS 3.3V-ONLY FLASH MEMORY & CMOS SRAM Stacked-CSP From old datasheet system
|
Mitsubishi
|