PART |
Description |
Maker |
SAB80C535-N-T40/85 SAB80C515-M-T40/85 SAB80C515-N- |
High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC68 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (16 MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory(12MHz)
|
Siemens Semiconductor Group SIEMENS AG http:// Infineon Siemens Semiconductor G...
|
P16F877 PIC16LF877 PIC16F87X PIC16F877 16F876 16F8 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers (PIC16LF87x) 8-Bit CMOS Flash Microcontrollers
|
MICROCHIP[Microchip Technology]
|
SAF-C517A-LN SABC517A-LN |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (18 MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (18MHz)
|
Infineon
|
PIC16C74A-20/JW PIC16C74A-20/L PIC16C74A-10/JW PIC |
8-Bit CMOS Microcontrollers with A/D Converter 8CMOS微控制器与A / D转换 8-Bit CMOS Microcontrollers with A/D Converter 8位CMOS微控制器与A / D转换
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
PCF80C31-4A PCB80C31-4N PCF80C31-4N |
CMOS single-chip 8-bit microcontrollers 8-BIT, 24 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, 24 MHz, MICROCONTROLLER, PDIP40
|
NXP Semiconductors N.V.
|
PIC16F73T-E/ML PIC16F73T-E/SO PIC16F73T-E/SS PIC16 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS FLASH-based 8-bit ... 28/40-pin, 8-bit CMOS FLASH Microcontrollers
|
Microchip
|
SAB80C166-3S SAB80C166-S Q67120-C493 |
HIGH-PERFORMANCE 16-BIT CMOS SINGLE-CHIP MICROCONTROLLERS FOR EMBEDDED CONTROL APPLICATIONS High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125
|
Siemens Semiconductor Group SIEMENS AG
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
PIC12F635E/MF PIC12F635E/MFQTP PIC12F635E/P PIC12F |
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY This powerful yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s ...
|
Microchip
|
SABC509-LM SABC509-LMBB SABC509-LMDB SAFC509-LM SA |
8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (16MHz)
|
Infineon
|
PIC17C7XX_00 PIC17C752 PIC17C756A PIC17C762 PIC17C |
High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
|
MICROCHIP[Microchip Technology]
|
TMP90C844A |
CMOS 8-Bit Microcontrollers
|
Toshiba
|