PART |
Description |
Maker |
LT10701 LT1071HVCTPBF LINEARTECHNOLOGYCORP-LT1070I |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 2.5 A SWITCHING REGULATOR, 40 kHz SWITCHING FREQ-MAX, PZFM5 5A and 2.5A High Efficiency Switching Regulators
|
Linear Technology, Corp.
|
PEG-3E-500B PEP-3R-10B PEG-3E-25B PEP-3R-70 PEP-3R |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 4A High Efficiency Switching Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C Micropower High Efficiency 3.3/5V Step-Up DC/DC Converter 10 to 500 MHz / Continuous 0° to 180° Adjustment / Voltage Controlled / Low Insertion Loss PHASE SHIFTERS
|
Merrimac Industries, Inc.
|
TC1427COA713 |
The TC1426/27/28 are a family of 1.2A dual high- speed drivers. CMOS fabrication is used for low power consumption and high efficiency
|
MICROCHIP
|
OM5262SA OM5262SW |
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
List of Unclassifed Manufacturers
|
ISL803311 ISL8033IRZ-T |
Dual 3A Low Quiescent Current High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
LTC1143L-ADJ LTC1143LCS-ADJ |
Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
|
Linear Technology Corporation
|
PCB-1202-1YG PCB-1202-1RG-01 |
T-1 DUAL COLOR LED ARRAY, YELLOW/HIGH EFFICIENCY GREEN, 3 mm T-1 DUAL COLOR LED ARRAY, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN, 3 mm
|
LEDtronics, Inc.
|
NCP1532MUAATXG NCP1532 |
Dual Output Step-Down Converter 2.25 MHz High-Efficiency, Out of Phase Operation, Low Quiescent Current, Source up to 1.6 A
|
ON Semiconductor
|
RUR-D820 RUR-D815 RUR-D810 |
Dual 8-A, high-speed, high efficiency epitaxial silicon rectifier. VRM 200 V. Dual 8-A, high-speed, high efficiency epitaxial silicon rectifier. VRM 150 V. Dual 8-A, high-speed, high efficiency epitaxial silicon rectifier. VRM 100 V.
|
General Electric Solid State
|
MIC2845A-SCYMT MIC2845A-MFYMT MIC2845A-PGYMT MIC28 |
High Efficiency 6 Channel Linear WLED Driver with DAM? Ultra Fast PWM Control and Dual Low IQ LDOs High Efficiency 6 Channel Linear WLED Driver with DAM? Ultra Fast PWM?/a> Control and Dual Low IQ LDOs
|
Micrel Semiconductor
|
LTC1142-ADJ LTC1142HV-ADJ LTC1142HVCG-ADJ LTC1142L |
Dual High Efficiency Synchronous Step-Down Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS OCTAL BUS TRANSCEIVER O.C. 20-SO 0 to 70
|
Linear Technology Corporation
|
MSK5040-5.0H MSK5040-3.3H MSK5040-3.3HG MSK5040-1. |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PDFP44 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 5 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, PDSO44
|
M.S. Kennedy, Corp.
|