PART |
Description |
Maker |
MAZ2056-A MAZ2051-A MA2360 MA2220 MA2560 MAZ2200-B |
PT 23C 2#16,21#20 SKT PLUG Silicon planar type 33.93 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 12.25 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 5.5 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 5.8 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 5.225 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 硅平面型 Silicon planar type 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 17.4 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Silicon planar type 24.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41
|
Panasonic Corporation Panasonic, Corp.
|
SF10J41A SF10G41A |
THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS TOSHIBA THYRISTOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
UP04314 |
Silicon NPN epitaxial planar type (Tr1) / Silicon PNP epitaxial planar type (Tr2)
|
Panasonic Semiconductor
|
MT3S03AT |
TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS TOSHIBA TRANSISTOR SILICON NPN EPITAXIAL PLANAR TYPE
|
Toshiba Semiconductor
|
SM6J45A SM6G45 SM6G45A SM6J45 |
BI .DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE AC POWER CONTROL APPLICATIONS TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE TO-220 .75H .57W .5D W/MTG TAB Heat Sink; Package/Case:TO-220; Body Material:Aluminum; Thermal Resistance:27.3 C/W; Color:Black; Leaded Process Compatible:No; Mounting Type:Through Hole; Peak Reflow Compatible (260 C):No; Size/Dimensions:0.750H x 0.500W"
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation Toshiba, Corp.
|
2SB1492 2SD2254 2SB1490 2SD2250 |
Silicon NPN triple diffusion planar type Darlington(For power amplification) Silicon PNP epitaxial planar type Darlington(For power amplification)
|
PANASONIC[Panasonic Semiconductor]
|
UP04315 |
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
XN09D57 |
Silicon PNP epitaxial planar type (Tr) Silicon epitaxial planar type (SBD)
|
PANASONIC[Panasonic Semiconductor]
|
XN09D61 |
Silicon PNP epitaxial planar type (Tr) / Silicon epitaxial planar type (SBD)
|
Panasonic Semiconductor
|
2SD1850 |
SILICON NPN TRIPLE DIFFUSED PLANAR TYPE HORIZONTAL DEFLECTION OUTPUT From old datasheet system SILICON PNP TRIPLE DIFFUSED PLANAR TYPE HORIZONTAL DEFLECTION OUTPUT
|
PANASONIC[Panasonic Semiconductor]
|
DZ2S10000L |
Silicon epitaxial planar type For constant voltage / For surge absorption circuit DZ2J100 in SSMini2 type package
|
Panasonic Semiconductor
|