PART |
Description |
Maker |
MAX1154BEUET MAX6662MSA-T MAX6662MSAT MAX6517UKP07 |
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor 12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 2.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD22103 AD22103K AD22103KCHIPS AD22103KR AD22103KT |
Voltage Output 3.3 V Temperature Sensor withSignal Conditioning 3.3 V Supply Voltage Output Temperature Sensor with Signal Conditioning 3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning ANALOG TEMP SENSOR-VOLTAGE, 0.95V, RECTANGULAR, SURFACE MOUNT SOIC-8 3.3 V Supply/ Voltage Output Temperature Sensor with Signal Conditioning
|
AD[Analog Devices] Analog Devices, Inc.
|
TC650 TC651 TC650ABVUA TC650AAVUA TC650ACVUA TC651 |
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert (TC650 / TC651) Tiny Integrated Temperature Sensor & Brushless DC Fan Controller Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert The TC650/651 are integrated temperature sensors and brushless DC fan speed controllers. The TC650/651 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applica
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
TSIC-101 |
Fast Response and Low-cost Temperature Sensor IC Temperature Sensor IC
|
Zentrum Mikroelektronik Dresden AG ZMD[Zentrum Mikroelektronik Dresden GmbH] N.A.
|
DS1821 MAX6625RMTT MAX6642YATT98 MAX6628MTAT MAX66 |
Programmable Digital Thermostat and Thermometer 可编程数字温控器和温度计 9-Bit/12-Bit Temperature Sensors with I<sup>2</sup>C-Compatible Serial Interface in a SOT23 ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm DIGITAL TEMP SENSOR-SERIAL, 10BIT(s), 1Cel, SQUARE, SURFACE MOUNT Remote ±1°C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface DIGITAL TEMP SENSOR-SERIAL, 12BIT(s), 5.50Cel, RECTANGULAR, SURFACE MOUNT 2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller and Five GPIOs DIGITAL TEMP SENSOR-SERIAL Low-Cost, 2.7V to 5.5V, Analog Temperature Sensor Switches in a SOT23 DIGITAL TEMP SENSOR-SINGLE TRIP POINT, 1.50Cel, RECTANGULAR, SURFACE MOUNT DIGITAL TEMP SENSOR-SERIAL, 8BIT(s), 3Cel, RECTANGULAR, SURFACE MOUNT
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
EMC104307 EMC1043-4-ACZL-TR EMC1043-5-ACZL-TR EMC1 |
1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones DIGITAL TEMP SENSOR-SERIAL, 11BIT(s), 3Cel, SQUARE, SURFACE MOUNT 1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones 集成电路三温度传感器Beta补偿和双区域Hotter
|
SMSC Corporation SMSC, Corp. STANDARD MICROSYSTEMS CORP
|
TC1068 |
SMBus Thermal Sensor The TC1068 is a serially programmable temperature sensor optimized for monitoring modern high performance CPUs with on-board integrated thermal diodes. Temperature data is converted from the CPU’s thermal diode outputs and made avail
|
Microchip Technology
|
TMP36GT9Z TMP37FS-REEL TMP35FS-REEL TMP37GRTZ-REEL |
Voltage Output Temperature Sensors; Package: TO-92; No of Pins: 3; Temperature Range: Industrial ANALOG TEMP SENSOR-VOLTAGE, 0.1-2V, 4Cel, RECTANGULAR, THROUGH HOLE MOUNT Low Voltage Temperature Sensor Vo=500; Package: SOIC; No of Pins: 8; Temperature Range: Industrial ANALOG TEMP SENSOR-VOLTAGE, 0.1-2V, 4Cel, RECTANGULAR, SURFACE MOUNT
|
Analog Devices, Inc. ANALOG DEVICES INC
|
LTC2996 LTC2997 LTC1077 LTC2991 LTC2995 LTC2996-15 |
Temperature Sensor with Alert Outputs Voltage Output Proportional to Temperature
|
Linear Technology
|
BU9817FV |
Multimedia LSIs > For personal computer > Thermal sensor controller 4-channel temperature sensor IC for PCs with I2C BUS interface
|
Rohm
|
EVAL-ADT7X20EBZ ADT7320 ADT7320UCPZ |
隆戮0.25隆?C Accurate, 16-Bit Digital SPI Temperature Sensor ±0.25°C Accurate, 16-Bit Digital SPI Temperature Sensor SPECIALTY ANALOG CIRCUIT, QCC16
|
Analog Devices ANALOG DEVICES INC
|
TMP04FS-REEL |
Temperature Sensor: Serial Digital Output Thermometers CMOS/TTL Comp.; Package: SOIC; No of Pins: 8; Temperature Range: TBD
|
ANALOG DEVICES INC
|