PART |
Description |
Maker |
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFR3709ZPBF IRFU3709ZPBF IRFR3709ZTRR IRFR3709ZTR |
30 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mヘ , Qg = 17nC ) HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 6.5mΩ , Qg = 17nC ) High Frequency Synchronous Buck Converters for Computer Processor Power
|
International Rectifier
|
IRFR9024N IRFU9024N IRFRU9024N IRFR9024NTR IRFR902 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A) HEXFET? Power MOSFET Power MOSFET(Vdss=-55V Rds(on)=0.175ohm Id=-11A) P Channel Surface Mount HEXFET Power MOSFET(P沟道表贴型HEXFET功率MOS场效应管) P通道表面贴装HEXFET功率MOSFET的性(P沟道表贴型的HEXFET功率马鞍山场效应管)
|
http:// IRF[International Rectifier] International Rectifier, Corp.
|
IRFR9120NPBF IRFU9120NPBF IRFR9120NTR IRFR9120NTRL |
6.6 A, 100 V, 0.48 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-251AA 6.6 A, 100 V, 0.48 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252AA HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48Ω , ID = -6.6A ) HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48ヘ , ID = -6.6A ) ULTRA LOW ON RESISTANCE
|
International Rectifier
|
IRFI3205 IRFI3205PBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A) HEXFET? Power MOSFET Power MOSFET(Vdss=55V/ Rds(on)=0.008ohm/ Id=64A)
|
IRF[International Rectifier]
|
IRFR9214 IRFU9214 IRFRU9214 |
-250V Single P-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A) HA1L-M1C53-G L6 Ovrsz ILL PB Rnd Flsh Mom SPDT 12V LED Sldr
|
IRF[International Rectifier]
|
IRCZ44 |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package Hexfet? Power MOSFET Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
|
IRF[International Rectifier]
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFB18N50K |
500V Single N-Channel HEXFET Power MOSFET in a TO-220AB package HEXFET? Power MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.26ohm, Id=27A)
|
IRF[International Rectifier]
|
IRFR9014 IRFU9014 IRFR9014TRL |
HEXFET Power MOSFET HEXFET功率MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D-Pak package -60V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-60V Rds(on)=0.50ohm Id=-5.1A) Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-5.1A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 5.1A
|
IRF[International Rectifier] Samsung semiconductor International Rectifier, Corp.
|
IRFR9210 IRFU9210 |
-200V Single P-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|