PART |
Description |
Maker |
HTR05 HTR07 HTR04 HTR01 HTR02 HTR03 |
(HTR01 - HTR07) High Voltage Commercial and Military Quality Multi-Layer Ceramic Capacitors
|
CalRamic
|
MAX1745 MAX1745AUB MAX1745EUB MAX1744 MAX1744EUB M |
High-Voltage, Step-Down DC-DC Controller in uMAX High-Voltage, Step-Down DC-DC Controller in レMAX High-Voltage, Step-Down DC-DC Controller in ??AX High-Voltage Step-Down DC-DC Controller in MAX Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP 0 to 70 High-Voltage, Step-Down DC-DC Controller in MAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in MAX 高压、降压型DC-DC控制器,µMAX封装
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
2SC4635LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 20mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/20mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SA1412-Z |
High Voltage: VCEO=-400V High speed:tr 0.7ìs Collector to Base Voltage VCBO -400 V
|
TY Semiconductor Co., Ltd
|
MSK600-15 MSK600B |
Ultra Low Quiescent Current - ±15mA for High Voltage WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
|
M.S. Kennedy Corporatio... Anaren Microwave
|
2SC3645 |
High-Voltage Switching Applications Adoption of FBET Process High Breakdown Voltage (VCEO = 160V)
|
TY Semicondutor TY Semiconductor Co., Ltd
|
SA5-0A-D |
The SA5.0A series is designed to protect voltage sensitive components from high voltage, high energy transients
|
Littelfuse
|
2SA1413-Z |
High Voltage: VCEO=-600V High speed:tr 1.0ìs Collector to Base Voltage VCBO -600 V
|
TY Semiconductor Co., Ltd
|
PS2703-1-V-A PS2703-1-A PS2703-1-V PS2703-1 |
HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
|
CEL[California Eastern Labs]
|
2SC4451 0494 |
NPN Triple Diffused Planar Silicon Transistor 1500V/15mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system
|
Sanyo
|