PART |
Description |
Maker |
100-003B188L 100-003A2500L 100-003A250L 100-003A12 |
Tubular Metal Braid ASTM B355 Class 4 OFHC Nickel Plated Copper for Series 72 & 74 Tubing and Series 75 Conduit
|
Glenair, Inc.
|
19160-0043 19160-0040 19160-0039 19160-0041 19160- |
Assorted Wire Nuts, 22-14 AWG, 22-10 AWG and 22-8 AWG
|
MolexKits
|
M80-2830042 M80-2830045 M80-2840042 M80-2840045 |
DATAMATE TRIO-TEK FEMALE CRIMP CONTACT LOOSE 24-22 AWG & 28-26 AWG
|
Harwin Plc
|
43178-4002 0431784002 |
Sabre?/a> Crimp Terminal, Male, with Tin (Sn) Plated Brass Contacts, 18 AWG or 20 AWG, Reel Packaged Sabre Crimp Terminal, Male, with Tin (Sn) Plated Brass Contacts, 18 AWG or 20 AWG, Reel Packaged
|
Molex Electronics Ltd.
|
0194330014 |
MX150L?/a> 2 Circuit Plug for 8 AWG Wire MX150L垄芒 2 Circuit Plug for 8 AWG Wire
|
Molex Electronics Ltd.
|
08-65-0129 08-65-0128 08-50-0705 |
KK 156 TERM CRP 18-22 AWG ANTIFISH GOLD PHOSPHOR BRONZE, GOLD (15) FINISH, HOOK TERMINAL KK 156 TERM CRP 18-22 AWG ANTIFISH GOLD PHOSPHOR BRONZE, GOLD OVER NICKEL FINISH, WIRE TERMINAL KK 156 TERM CRP 18-22 AWG ANTIFISH TIN
|
Molex, Inc. MOLEX INC
|
BD52XXG BD5247 BD5257 BD5256 BD5344 BD5241 BD5243 |
Static Monitor Jack; Features:Allows an operator to disconnect a ground cord from the wrist band and leave the workstation without deactivating Polarizing post; For Use With:N2500 series, 4-wall headers; Body Material:Glass-filled Polyester; Color:Beige; Features:Hi-temperature plastic RoHS Polarizing post; For Use With:N2500 series, 4-wall headers; Body Material:Glass-filled Polyester; Color:Black; Features:Low-temperature plastic RoHS Color Coded Flat Cable, 3302/25 28 AWG, .050 (1.27) ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% Color Coded Flat Cable, 3302/10 28 AWG, .050 (1.27) 电压检测器IC VOLTAGE DETECTOR IC 电压检测器IC Insulating Tape; Tape Backing Material:PVC; Width:0.75"; Roll Length:20ft; Adhesive Material:Rubber RoHS Compliant: Yes 电压检测器IC Color Coded Flat Cable, 3302/34 28 AWG, .050 (1.27) 电压检测器IC Color Coded Flat Cable, 3302/09 28 AWG, .050 (1.27) 电压检测器IC Color Coded Flat Cable, 3302/18 28 AWG, .050 (1.27) 电压检测器IC
|
Rohm CO.,LTD. Electronic Theatre Controls, Inc. Microsemi, Corp.
|
0190540092 B-228-08HDX |
InsulKrimp Ring Tongue Terminal for 14-16 Heavy Duty AWG Wire InsulKrimp?/a> Ring Tongue Terminal for 14-16 Heavy Duty AWG Wire InsulKrimp垄芒 Ring Tongue Terminal for 14-16 Heavy Duty AWG Wire MOLEX Connector
|
Molex Electronics Ltd.
|
0192000002 SD-19200-001 AS-845 |
Avikrimp Seamless Butt Splice for 18-22 AWG Wire Avikrimp垄芒 Seamless Butt Splice for 18-22 AWG Wire
|
Molex Electronics Ltd.
|
C-830-10 0190730179 |
Avikrimp Ring Tongue Terminal for 10 to 12 AWG Wire Avikrimp垄芒 Ring Tongue Terminal for 10 to 12 AWG Wire
|
Molex Electronics Ltd.
|
AA-8118-06 0191390006 191390006 |
Avikrimp Block Spade Terminal for 18-22 AWG Wire Avikrimp垄芒 Block Spade Terminal for 18-22 AWG Wire
|
Molex Electronics Ltd.
|