PART |
Description |
Maker |
IDT7134LA70P IDT7134LA70PB IDT7134SA35C IDT7134SA3 |
150V N-Channel UltraFET Trench MOSFET HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 25 ns, PQCC52 HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 35 ns, PQCC52 HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM 4K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 250V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail FTDI232BM, USB-RS232, 32-LQFP SMT 30V Dual Notebook Power Supply N-Channel PowerTrench in SO-14 Package; Package: SO-14; No of Pins: 14; Container: Tape & Reel
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
SG2626 SG2626DW SG2626J SG2626M SG2626R SG2626T SG |
DUAL HIGH SPEED DRIVER DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, MBFM5 DUAL HIGH SPEED DRIVER 3 A 2 CHANNEL, BUF OR INV BASED MOSFET DRIVER, CDIP8 XTAL MTL SMT HC49/USM From old datasheet system Half Bridge Driver, Inverting
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
LT1057 LT1057AC LT1057ACH LT1057ACJ LT1057ACJ8 LT1 |
Dual and Quad/ JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps DUAL OP-AMP, 1400 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual and Quad, JFET Input Precision, High Speed Op Amps Dual and Quad JFET Input Precision High Speed Op Amps From old datasheet system Dual Precision, High Speed, JFET Input Op Amp(精密,高速,结型场效应管输入双路运算放大 Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Linear Technology Corporation LINER[Linear Technology] Black Box, Corp.
|
VO2631-X017T VO2601 VO2601-X017T |
High Speed Optocouplers 10Mbd High-Speed Dual CTR>300% High Speed Optocoupler, Single and Dual, 10 MBd
|
Vishay Semiconductors Vishay Siliconix
|
ADP3624 ADP3623 ADP3625 ADP3633 ADP3634 |
High Speed, Dual, 4 A MOSFET Driver, non-inverting A/B input pins, 4.5V < Vin < 18V High Speed, Dual, 4 A MOSFET Driver, inverting A/B input pins, 4.5V < Vin < 18V High Speed, Dual, 4 A MOSFET Driver, inverting A & non-inverting B input pins, 4.5V < V<sub>in</sub> < 18V High Speed, Dual, 4 A MOSFET Driver, inverting A/B input pins, 9.5V < V-in < 18V High Speed, Dual, 4 A MOSFET Driver, non-inverting A/B input pins, 9.5V < Vin < 18V
|
Analog Devices
|
EDI8F81025LP100B6C EDI8F81025LP100B6I EDI8F81025LP |
Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-PDIP Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: 0°C to 70°C; Package: 8-SOIC Dual Channel, High Speed, High Current Line Driver with 3-State; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Dual Input, High Speed, Dual Channel Power MOSFET Driver; Temperature Range: -40°C to 85°C; Package: 8-PDIP Dual Channel, High Speed, High Current Line Driver with 3-State; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R x8的SRAM模块
|
Electronic Theatre Controls, Inc.
|
P4C163L-30PC P4C163L-25CC P4C163L-30CC P4C163L-30J |
3A Dual MOSFET Drvr, -40C to 85C, 16-SOIC 300mil, TUBE 9A SNGL MOSFET DRVR, -40C to 125C, 8-DFN, T/R 3A Dual MOSFET Drvr, 0C to 70C, 16-SOIC 300mil, T/R 3A Dual MOSFET Drvr, 0C to 70C, 8-PDIP, TUBE 3A Dual MOSFET Drvr, -40C to 85C, 16-SOIC 300mil, T/R 9A Sngl MOSFET Drvr, -40C to 125C, 8-DFN, TUBE 9A Sngl MOSFET Drvr, -55C to 125C, 8-CERDIP 300mil, TUBE 9A High Speed Inverting MOSFET Driver, -40C to 125C, 5-TO-220, TUBE 9A SNGL MOSFET DRVR, -40C to 125C, 8-PDIP, TUBE 1.5A Dual H-Speed MOSFET Drvr, 0C to 70C, 8-PDIP, TUBE 1.5A Dual H-Speed MOSFET Drvr, -40C to 85C, 8-SOIC 150mil, TUBE X9热卖静态存储器 x9 SRAM X9热卖静态存储器
|
Pyramid Semiconductor, Corp.
|
ISL55110 ISL55110IRZ ISL55110IVZ ISL55111 ISL55111 |
Dual, High Speed MOSFET Driver
|
Intersil Corporation
|
TC142606 TC1428CPA TC1426 TC1426COA TC1426CPA TC14 |
1.2A Dual High-Speed MOSFET Drivers
|
MICROCHIP[Microchip Technology]
|
TC1428COA |
1.2A dual high-speed MOSFET driver.
|
TelCom Semiconductor
|
EL7242CN EL7252CSZ-T7 EL7242 EL7242CS EL7242CS-T13 |
Dual Input, High Speed, Dual Channel Power MOSFET Driver 2 A 2 CHANNEL, AND GATE BASED MOSFET DRIVER, PDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
|