PART |
Description |
Maker |
SX18AD75-I/DP SX28AD75-I/TQ SX18AD75-I/PQ SX28AD75 |
; Suppressor Type:Outlet Strip; Transient Energy Rating:4080J; External Depth:6.25"; Approval Bodies:cULus; Applications:High-quality TVSS for datacenters, industrial facilities and commercial buildings 配置通信控制器与电子工程/闪存程序存储器,在系统编程能力和片上调试 Configurable Communications Controllers with EE/Flash Program Memory, In-System Programming Capability and On-Chip Debug 配置通信控制器与电子工程/闪存程序存储器,在系统编程能力和片上调试 8-BIT MICROCONTROLLER (SXxxxx) Configurable Communications Controllers Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:1400W; Run Time - Half Load:47min; Run Time - Full Load:21min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:9 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:700W; Run Time - Half Load:13min; Run Time - Full Load:4min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:8 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:1400W; Run Time - Half Load:14min; Run Time - Full Load:4min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:9 RoHS Compliant: NA Uninterruptible Power Supply (UPS); Output Voltage:230V; Output Power Max:8000W; Run Time - Half Load:24min; Run Time - Full Load:10min; Applications:Servers; Features:Extended Outage Protection; No. of Outlets:13 RoHS Compliant: NA Data Line Surge Suppressor; Suppressor Type:Data Line; Peak Surge Current:6.5kA; Response Time:1ns; Connector Type A:IEC320-C8; Connector Type B:IEC320-C8; Fax/Modem Protection:Yes; Features:RJ-11 Modem/Fax protection
|
SCENIX Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers List of Unclassifed Man...
|
DBCDINF16HCABC1S2 DBCDINF16HCABC1S3 DBCDINF16HCABC |
DIN 41612 TYPE HALF C (HC) - FEMALE
|
Dubilier
|
DBCDINF16HQAB1RA2 DBCDINF16HQAB1RA3 DBCDINF16HQABR |
DIN 41612 TYPE HALF Q (REVERSED) - FEMALE
|
Dubilier
|
34250-0019 0342500019 |
4.50mm (.177) Pitch MX150 Cable Sealed Female Connector, Single Row, 3Circuits, Polarization C, without Connector Position Assurance, Dual Key, Brown 4.50mm (.177") Pitch MX150垄芒 Cable Sealed Female Connector, Single Row, 3Circuits, Polarization C, without Connector Position Assurance, Dual Key, Brown
|
Molex Electronics Ltd.
|
34250-0001 0342500001 |
4.50mm (.177") Pitch MX150垄芒 Cable Sealed Female Connector, Single Row, 3Circuits, Polarization A, with Connector Position Assurance, Dual Key, Black 4.50mm (.177) Pitch MX150 Cable Sealed Female Connector, Single Row, 3Circuits, Polarization A, with Connector Position Assurance, Dual Key, Black
|
Molex Electronics Ltd.
|
D01-9500742 |
2.54mm Pitch Extended IC Socket Strip, gold clip tin shell, 7-way 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
CONSMA002-L |
SMA FEMALE RIGHT ANGLE PCB MOUNT, EXTENDED
|
List of Unclassifed Man...
|
MC88A |
8 TUNES 8 KEY WITH SCAN KEY
|
ETC[ETC]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
48006-1102 0480061102 |
1.27mm (.050) Pitch DDR DIMM Socket, Vertical, Brass Latch, Black Housing,Phosphor Bronze Terminals, Single Key, with Beveled Metal Pins,2.5V Voltage Key, 2.79mm(.110) Tail Length
|
Molex Electronics Ltd.
|
34250-0034 0342500034 |
4.50mm (.177) Pitch MX150 Cable Sealed Female Connector, Single Row, 3Circuits, Polarization B, with Connector Position Assurance, Single Key, Gray
|
Molex Electronics Ltd.
|
PEB2054NV1.0 PEB2054-NV1.0 PEB2054N-V10TR |
ISDN Controller, S/T, Commercial, 44-LDCC EPIC-S (Extended PCM Interface Contro... Controllers, Extended PCM Interface Controller, Tape and Reel
|
Infineon Technologies
|
|