PART |
Description |
Maker |
8072-2 |
Type B Vertical Female for Backplanes
|
AVX Corporation
|
35965-0200 0359650200 |
1.78mm (.070") Tab Multiple Wire-to-Wire Female Housing, 2 Circuits, Vertical, A-Type 1.78mm (.070) Tab Multiple Wire-to-Wire Female Housing, 2 Circuits, Vertical, A-Type
|
Molex Electronics Ltd.
|
351810200 0351810200 |
1.78mm (.070) Tab Multiple Wire-to-Wire Female Housing, 2 Circuits, Vertical, A-Type
|
Molex Electronics Ltd.
|
690-024-294-031 |
USB C TYPE FEMALE SMT VERTICAL CONNECTOR
|
List of Unclassifed Man...
|
M80-8500845 |
Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 4 4-way 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Harwin PLC
|
692902100000 |
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
614004185023 |
USB TYPE A VERTICAL THT - SHORT TYPE
|
Wurth Elektronik GmbH &...
|
109519 109538 109525 109515 109528 109517 109523 1 |
MiniMez Vertical Female DIP without clips 12,6mm
|
ERNI Electronics
|
M80-6810645 M80-6810642 M80-6813442 |
Datamate L-Tek DIL Female Vertical SMT Connector, gold clip gold shell, 3 3-way 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET Datamate L-Tek DIL Female Vertical SMT Connector, gold clip tin shell, 3 3-way 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET Datamate L-Tek DIL Female Vertical SMT Connector, gold clip tin shell, 17 17-way 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
|
Harwin PLC
|
M80-4121405 M80-4122242 M80-4120642 |
Datamate J-Tek DIL Female Vertical SMT Connector, gold clip gold shell, no jackscrews, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, no jackscrews, 11 11-way 22 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Female Vertical SMT Connector, gold clip tin shell, no jackscrews, 3 3-way 6 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC
|
|