PART |
Description |
Maker |
7703301GX |
18 BIT DEL-SIG A/D CONVERTER, -40C to 125C, 6-SOT-23, T/R 电压反馈运算放大
|
C
|
7703403UA 7703401YA 77034042A 7703404MA 7703404NA |
Negative Adjustable Voltage Regulator 15 HZ, 90DB REJECTION BTW 49 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, TUBE 15 HZ, 90DB REJECTION BTW 49 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, T/R 15 HZ, 90DB REJECTION BTW 59 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, T/R 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, TUBE 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, TUBE 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, T/R Low-cost volatile, Digital Potentiometer, -40C to 125C, 8-SOIC 150mil, TUBE PRODUCT TO FREQUENCY CONVERTER WHICH IS USED TO POWER METERING APLICATIONS, -40C to 85C, 24-SSOP 208mil, TUBE 积极可调电压稳压 18 BIT DEL-SIG A/D CONVERTER, -40C to 125C, 6-SOT-23, T/R 积极可调电压稳压 Positive Adjustable Voltage Regulator 积极可调电压稳压 ENERGY METER IC, GAIN 1:16, 500:1 DYNAMIC RANGE, -40C to 85C, 24-SSOP 208mil, T/R 积极可调电压稳压
|
International Rectifier, Corp. TE Connectivity, Ltd. Kingbright, Corp. NIC Components, Corp.
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
P82288-6 |
6 MHz, CONTROL AND CMD SIG GEN, PDIP20
|
INTEL CORP
|
LCL7104-16CPL ICL7104 ICL7104-14CPL ICL8068/ICL710 |
14-Bit/16-BitMicroprocessor-Compatible2-ChipA/D Converter (21 pages) FN3091.1 14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
|
INTERSIL[Intersil Corporation]
|
TMC1175AM7C30 TMC1175X20 TMC1175AM7C20 TMC1175AM7C |
30MSPS 8-Bit Video A/D Converter Video A/D Converter 8 bit, 40 Msps 20MSPS 8-Bit Video A/D Converter 40MSPS 8-Bit Video A/D Converter
|
Fairchild Semiconductor
|
AD9020TZ/883 AD9020SE/883 AD9020TE/883 AD9020SZ/88 |
10-Bit 60 MSPS A/D Converter 1-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, CQFP68 10-Bit 60 MSPS A/D Converter 100MSPS的A/D转换 10-Bit 60 MSPS A/D Converter 1-CH 10-BIT FLASH METHOD ADC, PARALLEL ACCESS, CQCC68 240 x 64 pixel format, CFL, LED, or EL Backlight available
|
Analog Devices, Inc.
|
AD9051 AD9051_PCB AD9051-2V AD9051-2VPCB AD9051BRS |
10-Bit, 60 MSPS A/D Converter 10位,60 MSPS的A / D转换 10-Bit, 60 MSPS A/D Converter 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PDSO28
|
Analog Devices, Inc. AD[Analog Devices]
|
5962-8512702XA AD574AJP-REEL AD574AJD/ AD574AU AD5 |
Complete 12-Bit A/D Converter 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28 Complete 12-Bit A/D Converter 完整2位A / D转换
|
Analog Devices, Inc.
|
74061-2533 74061-9021 74061-2563 74061-2531 74061- |
VHDM BP 8 ROW SIG END ASSY 25 COL 225 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM BP 8 ROW SIG END ASSY 10 COL 90 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
Molex, Inc. MOLEX INC
|
AD570 AD570JD/ AD570SD |
8-Bit Successive Approximation Analog-to-Digital Converter Complete 8-Bit A-to-D Converter
|
Analog Devices, Inc.
|
|