PART |
Description |
Maker |
LA120X1-1 LA120X1_2-1 LA120X10-1 LA120X15-1 LA120X |
Fuses, 5A 250V F IEC GLASS LEAD LA120X半导体保险丝 Fuses, 3.15A 250V F IEC GLASS 5X20 LA120X Semiconductor Fuses
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
3SBP3 3SBP5 3SB8 3SBP375 3SB500 3SB200 3SB4 3SBP80 |
Fuses, 3A 250V SB GLASS LEADED SLOW BLOW ELECTRIC FUSE, 3A, 250VAC, 100A (IR), THROUGH HOLE Fuses, 5A 250V SB GLASS LEADED SLOW BLOW ELECTRIC FUSE, 5A, 250VAC, 200A (IR), THROUGH HOLE Fuses, 8A 250V SB GLASS SLOW BLOW ELECTRIC FUSE, 8A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, 375mA 250V SB GLASS LEADED SLOW BLOW ELECTRIC FUSE, 0.38A, 250VAC, 35A (IR), THROUGH HOLE Fuses, 500mA 250V SB GLASS SLOW BLOW ELECTRIC FUSE, 0.5A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 200mA 250V SB GLASS SLOW BLOW ELECTRIC FUSE, 0.2A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 4A 250V SB GLASS SLOW BLOW ELECTRIC FUSE, 4A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, 80mA 250V SB GLASS LEADED
|
Bel Fuse, Inc. BEL FUSE INC
|
5HT1.25 |
Fuses, 1.25A 250V T IEC CERM 5X20
|
BEL FUSE INC
|
5MF8-R 5MFP8-R 5MF1.5-R 5MFP4-R 5MFP300-R 5MFP125- |
Fuses, RoHS 8A 125V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, RoHS 8A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 1.5A 250V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 1.5A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 4A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 4A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 300mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.3A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 125mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.125A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 3.5A 125V F UL GLASS LEAD
|
Bel Fuse, Inc. BEL FUSE INC
|
KPF6.1 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect PCB; Very efficientGround contact onThe PCB; IEC/EN 60950
|
SCHURTER INC
|
215025 215.500XE 0215002.H- 215002.XE 0215002.H-ND |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) Axial Lead and Cartridge Fuses - Designed to IEC Standard Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
Littelfuse, Inc.
|
CMD-3.81-HF |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
CFS-3.81 |
Standard : UL - IEC 300V - 250V 8A - 13.5A
|
Eldeco Srl
|
CFS-2.5 |
Standard : UL - IEC 150V - 250V 4A - 5A
|
Eldeco Srl
|
MDL-3.81-H |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
CRV-3.5-LF |
Standard : UL - IEC 300V - 250V 8A - 7A
|
Eldeco Srl
|
0219002.A 0219004.A 0219005.A 021901.6A 021906.3A |
Axial Lead and Cartridge Fuses - Designed to IEC Standard
|
LITTELFUSE[Littelfuse]
|
|