PART |
Description |
Maker |
RED3600 RED360 RED300 RED3000 RED RED6 RED600 RED1 |
AC LINE FREQUENCY DIVIDERS CRIMP PIN, SURE SEAL, PK100; Connector type:Contact, Crimp; Gender:Pin; Termination method:Crimp; Material, contact:Copper alloy; Plating, contact
|
LSI[LSI Computer Systems] LSI Corporation
|
L2004D5 L4008L6 L4008L8 L201E3 L201E5 L201E6 L201E |
Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-5 Style:Jam Nut Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-18 Sensitive Triacs (0.8 A to 8 A) 敏感双向.8 A甲) SOCKET IC DIP 40-PIN 敏感双向.8 A甲) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 RoHS Compliant
|
http:// LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
10-89-1642 10-89-1562 10-89-2562 10-89-2141 10-88- |
64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
43178-1002 |
Crimp Pin Contact; Wire Size (AWG):18; Contact Current:18A RoHS Compliant: Yes BRASS, TIN (100) OVER NICKEL FINISH, WIRE TERMINAL
|
Molex, Inc.
|
AM108 AM156 AM101 AM158 AM100 AM1010 AM102 AM104 A |
Circular Connector; No. of Contacts:26; Series:MS27505; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:17-26 RoHS Compliant: No LJT 6C 6#12 SKT REAR BOX MTG LJT 8C 8#16 PIN RECP Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:17-35 RoHS Compliant: No Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:15-5 RoHS Compliant: No Silicon Miniature Single-Phase Bridge
|
Comchip Technology Co., Ltd. COMCHIP[Comchip Technology]
|
PL200Z PL9V1Z PL18Z PL62Z PL100Z PL10Z PL110Z PL11 |
Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-5 RoHS Compliant: No Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-5 RoHS Compliant: No KPSE06J14-5PF97 CONNECTOR KPSE06J14-19SF31 KPSE06J16-26PFO Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-19 RoHS Compliant: No Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 RoHS Compliant: No Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:18-11 RoHS Compliant: No Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:18-11 RoHS Compliant: No Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:18-32 RoHS Compliant: No Zener Diodes ZENDER DIODES DIODES ZENDER 赞德二极管二极管赞德
|
http:// PhaseLink Corporation STMICROELECTRONICS[STMicroelectronics] 意法半导 SGS-Thomson STMicroelectronics N.V.
|
CONT-JL05-08P-C1 CONT-JL05-08P-C2 |
PIN CONTACT
|
Japan Aviation Electronics Industry, Ltd.
|
FCC17-C37SA-210G FCC17-C37SA-240G FCC17-C37SA-250G |
FCC 17 FILTERED D-SUB, RIGHT ANGLE .318[8.08] F/P, PIN & SOCKET - PLASTIC MTG BRACKET & BOARDLOCK 15 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 25 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER 37 CONTACT(S), MALE, D SUBMINIATURE CONNECTOR, SOLDER
|
Amphenol Corporation Amphenol, Corp.
|
2-1105050-1 2-1105050-2 |
PIN CONTACT SERIES HN.D
|
Tyco Electronics
|
ST-JL05-16P-C3 ST-JL05-16P-C1 ST-JL05-16P-C2 |
16 PIN CONTACT (INDIVIDUAL)
|
Japan Aviation Electronics Industry, Ltd.
|