PART |
Description |
Maker |
WLD3 WLD2 WLD28 HEADMODEL WL-7H200 WL-4H4100 WLNJ- |
Two-circuit Limit Switch Two-circuit Limit Switch
|
Omron Electronics LLC
|
91MCE66 91MCE1-S1 91MCE16 91MCE16P1BQ 91MCE2 91MCE |
Limit Switch is an Addition th the Existing CE Series Limit Swithes
|
Honeywell Solid State Electronics Center
|
E4-271 D8-344 MS25356-1 S3-5 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4A, 28VDC, 0.51mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 4PDT, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, 6PST, MOMENTARY, 15A, 30VDC, 1.52mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, DPDT, MOMENTARY, 1.52mm, PANEL MOUNT
|
EATON CORP
|
E53-00R E51-61B E51-00E E51-01T E51-02T E51-50E E5 |
SWITCH LEVER CW SPDT .1A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
ABJ582861 ABJ241061 ABJ2410619 ABJ241241 ABJ141240 |
SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.85mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 3.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1A, 30VDC, 3.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 8.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 2A, 30VDC, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1A, 30VDC, 8.5mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2A, 30VDC, 4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 8.5mm, PANEL MOUNT
|
|
ADM869L ADM869LARQ |
2 A, High-Side P-Channel Switch with Current Limit and Thermal Shutdown 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 2 A/ High-Side P-Channel Switch with Current Limit and Thermal Shutdown
|
Analog Devices, Inc. AD[Analog Devices]
|
AH715259F AH76204609F AH71525619 AH74523619 AH7456 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 4.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.6A, 125VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 2.4mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.4mm, PANEL MOUNT
|
Vishay Intertechnology, Inc.
|
GLCB05A1B4C028 GLCB04A1B4C028 GLCB35A1A2C026 GLCB3 |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.55A, 125VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 50VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
GLCB07A5A-3C021 GLCB01A5A-3C021 GLCB04A5A-5Q07 GLC |
SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.1A, 50VDC, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 0.55A, 125VDC, PANEL MOUNT
|
HONEYWELL SENSING AND CONTROL
|
E33-50K E23-90N |
SWITCH ROLLER SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 6A, 30VDC, 5.34mm, PANEL MOUNT SWITCH ROLLER SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 5.34mm, PANEL MOUNT
|
ZF Electronics, Corp.
|
PQ60150SMW03XYS PQ60150SMX03 |
Output current limit and short circuit protection
|
SynQor Worldwide Headqu...
|
|