PART |
Description |
Maker |
S7686 |
MOSFET, Switching; VDSS (V): -60; ID (A): -5; Pch : 20; RDS (ON) typ. (ohm) @10V: 0.14; RDS (ON) typ. (ohm) @4V[4.5V]: 0.2; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: -; toff (µs) typ: 10.8; Package: DPAK (L)- (2)
|
Hamamatsu Photonics
|
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|
2SA1256 |
High fT (230MHz typ), and small Cre (1.1pF typ). Small NF (2.5dB typ).
|
TY Semiconductor Co., Ltd
|
STH130N10F3-2 STFI130N10F3 STF130N10F3 |
N-channel 100 V, 7.8 mOhm typ., 120 A STripFET(TM) Power MOSFET in H2PAK-2 package N-channel 100 V, 7.8 mΩ typ., 120 A STripFET?III Power MOSFET in TO-220FP, I2PAKFP, H2PAK-2 and TO-220 packages N-channel 100 V, 8 mOhm typ., 46 A STripFET(TM) Power MOSFET in I2PAKFP package
|
STMicroelectronics ST Microelectronics
|
STU4N62K3 STP4N62K3 STI4N62K3 STF4N62K3 STFI4N62K3 |
N-channel 620 V, 1.7 Ohm typ., 3.8 A, SuperMESH3(TM) Power MOSFET in I2PAK package N-channel 620 V, 1.7 Ω typ., 3.8 A SuperMESH3 Power MOSFET
|
ST Microelectronics STMicroelectronics
|
S5573 |
MOSFET, Switching; VDSS (V): 600; ID (A): 30; Pch : 200; RDS (ON) typ. (ohm) @10V: 0.2; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V
|
Hamamatsu Photonics
|
STU6N60M2 STF6N60M2 STP6N60M2 |
N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in IPAK package N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220FP package N-channel 600 V, 1.06 Ohm typ., 4.5 A MDmesh II Plus(TM) low Qg Power MOSFET in TO-220 package
|
ST Microelectronics
|
1SS301 |
Low forward voltage:VF(3) = 0.90 V(Typ) Fast reverse recovery time:trr = 1.6 ns (Typ) Ultra High Speed Switching Application
|
TY Semiconductor Co., Ltd TY Semicondutor
|
SKD146-L100 SKD146_12-L100 SKD146_16-L100 SKD146/1 |
Transistor; Type: Amplifiers/Bipolar; VCEO (V): 12; Ic (A): 0.075; Pc (W): 0.7; hFE: 100 to 200; fT (GHz) typ: 7.8; Cob (pF) max: 0.9; NF (dB) typ: 1; Package: MPAK Transistor; Type: Amplifiers/Bipolar; VCEO (V): 4; Ic (A): 0.035; Pc (W): 0.05; hFE: 70 to 150; fT (GHz) typ: 20; Cob (pF) max: 0.15; NF (dB) typ: 1.15; Package: CMPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
1SS193 |
Small Package Low forward voltage :VF(3) = 0.9 V(Typ.) Small Total Capacitance :CT = 0.9pF(Typ.)
|
TY Semiconductor Co., Ltd
|