PART |
Description |
Maker |
AM42DL640AG85IS AM42DL640AG AM42DL640AG25IT AM42DL |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION Advanced Micro Devices
|
AM49DL322BGT85T AM49DL322BGT85S AM49DL323BGB70T AM |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous 堆叠式多芯片封装MCP)闪存和SRAM32兆位M × 8 2米x 16位)3.0伏的CMOS只,同时 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Advanced Micro Devices, Inc.
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AM42DL640AG45IT AM42DL640AG25IT AM42DL640AG |
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
|
SPANSION http://
|
AM42BDS6408HD3I AM42BDS6408HE3I M420000077 AM42BDS |
CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory, and 8 Mbit (512 K x 16-Bit) SRAM
|
SPANSION[SPANSION]
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
PM49FL002T PM49FL004T-33JCE PM49FL002 PM49FL002T-3 |
2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
|
PMC[PMC-Sierra, Inc]
|
AM49PDL640AGA70NT AM49PDL640AGA70NS AM49PDL640AG85 |
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM 64兆位个M x 16位).0伏的CMOS只,同时作业闪存16兆位米16位),伪静态存储器 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM 64兆位个M x 16位).0伏的CMOS只,同时作业闪存6兆位米16位),伪静态存储器
|
Spansion Inc. Spansion, Inc. EPCOS AG
|
S25FL064P0XMFI001 S25FL064P0XBHIS30 |
64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus 64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
|
SPANSION
|
AT29BV040A AT29BV040A-20TC AT29BV040A-20TI AT29BV0 |
4 Megabit 512K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory 4M bit, 2.7-Volt Read and 2.7-Volt Write Flash
|
ATMEL[ATMEL Corporation]
|