PART |
Description |
Maker |
PE7204-60 |
60 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
AB440 |
ADAPTOR DIN 5PIN FEMALE-MINI DIN 6PIN MALE
|
Assmann Electronics Inc.
|
PE9410 |
7/16 DIN Male to 7/16 DIN Female Right Angle Adapter
|
Pasternack Enterprises, Inc.
|
PE7418-50 |
50 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Black Aluminum Heatsink Body Rated To 300 Watts Up To 3 GHz
|
Pasternack Enterprises,...
|
07-01-7101 07-01-7102 |
Connector; No. of Contacts:10; Pitch Spacing:0.175"; No. of Rows:1; Mounting Type:PCB; Gender:Female RoHS Compliant: Yes 10 CONTACT(S), FEMALE, POWER CONNECTOR Commoning Connector Poly 10Ckt 10 CONTACT(S), FEMALE, POWER CONNECTOR
|
Molex, Inc.
|
0850481263 85048-1263 |
2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 16 Circuits
|
Molex Electronics Ltd.
|
85048-0115 |
2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Female Style M, 64 Circuits, Lead free
|
Molex Electronics Ltd.
|
85056-0232 0850560232 |
2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Female Style M Inverse, 42 Circuits, Lead free
|
Molex Electronics Ltd.
|
0850481275 85048-1275 |
2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 32 Circuits, Lead free
|
Molex Electronics Ltd.
|
85048-0153 |
2.54mm (.100) Pitch DIN 41612/IEC 603-2 Mixed Layout Connector, Through Hole, Vertical, Female Style M, 80 Circuits, Lead free
|
Molex Electronics Ltd.
|
|