PART |
Description |
Maker |
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
SUD10P06-280L SUU10P06-280L |
P-Channel 60-V (D-S), 175C MOSFET, Logic Level P通道60 -五(副)75 MOSFET的逻辑电平 P-Channel 60-V (D-S), 175 grades C MOSFET, Logic Level P-Channel 60-V (D-S), 175C MOSFET, Logic Level
|
Vishay Intertechnology, Inc. VISAY[Vishay Siliconix]
|
FDS6680A FDS6680ANF073 FDS6680ANL |
30V Single N-Channel, Logic Level, Power Trench MOSFET Single N-Channel, Logic Level, PowerTrench MOSFET 12500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDB886010 FDB8860F085 FDB8860-F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.6m
|
Fairchild Semiconductor
|
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
FDB6030BL FDB6030BLNL |
N-Channel Logic Level PowerTrench MOSFET N-Channel Logic Level PowerTrench MOSFET From old datasheet system N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor
|
FQS4900 FQS4900TF |
Dual N & P-Channel/ Logic Level MOSFET Dual N & P-Channel, Logic Level MOSFET Dual N-Channel 60V & P-Channel 300V QFET
|
FAIRCHILD[Fairchild Semiconductor]
|
PSMN9R0-25MLC PSMN9R0-25MLC-15 |
N-channel 25 V 8.65 mili ohm logic level MOSFET in LFPAK33 N-channel 25 V 8.65 mΩ logic level MOSFET in LFPAK33 using NextPower Technology
|
NXP Semiconductors
|
FDS4435A FDS4435 FDS4435ANF073 FDS4435ANL |
P-Channel Logic Level PowerTrench MOSFET P-Channel Logic Level PowerTrench⑩MOSFET P-Channel Logic Level PowerTrench?MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
PHK24NQ04LT |
TrenchMOS logic level FET 21200 mA, 40 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MS-012 From old datasheet system TrenchMOS (tm) logic level FET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FDD6632_04 FDD6632 FDD663204 FDD6632NL |
30V N-Channel Logic Level UltraFET Trench Power MOSFET 4 A, 30 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Logic Level UltraFET? Trench Power MOSFET 30V, 9A, 70m?/a> N-Channel Logic Level UltraFET㈢ Trench Power MOSFET 30V, 9A, 70mз
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|