PART |
Description |
Maker |
MC100EP35DR2 MC100EP33D NB100LVEP17MN |
3.3V / 5V ECL JK Flip Flop 3.3V / 5V ECL ÷4 Divider 2.5 V / 3.3 V ECL Quad Differential Driver/Receiver
|
ON Semiconductor
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
AZ100LVEL33NG AZ10/100LVEL33L |
ECL/PECL ±4 Divider ECL / PECL的4分频
|
Arizona Microtek, Inc.
|
MC100EP35DG MC100EP35DR2 |
3.3V / 5V ECL JK Flip−Flop 100E SERIES, POSITIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO8
|
ON Semiconductor
|
MC10EP33-D |
3.3V / 5V ECL 4 Divider
|
ON Semiconductor
|
AZ10LVEL33T AZ10_100LVEL33L AZ100LVEL33 AZ100LVEL3 |
ECL/PECL ÷4 Divider ECL/PECL ±4 Divider
|
AZM[Arizona Microtek, Inc]
|
AZ100EL32 |
ECL/PECL / 2 Divider
|
Arizona
|
MC100EP14 MC100EP14D MC100EP14DT MC100EP14DTR2 |
3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver 100E SERIES, LOW SKEW CLOCK DRIVER, 5 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO20
|
ONSEMI[ON Semiconductor]
|
SP8720 SP8720ADG SP8720BDG |
ECL two-modulus divider, with ECL10K compatible outputs
|
General Electric Company
|
MC100EL32DTR2 |
5V ECL ±2 Divider 100EL SERIES, PRESCALER, PDSO8
|
ON Semiconductor
|
MC100LVE210 |
3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer(3.3V ECL :4:5 差分输出缓冲 3.3 ECL:4:5扇出缓冲器差分电压(3.3V ECL:4,1:5差分输出缓冲器)
|
ON Semiconductor
|
MC100E151FN MC100E151FNG MC100E151FNR2 MC100E151FN |
5V ECL 6-Bit D Register 100E SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PQCC28 5V ECL 6-Bit D Register; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 10E SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PQCC28
|
ONSEMI[ON Semiconductor]
|