PART |
Description |
Maker |
LNTA4001NT1G LNTA4001NT3G |
Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
|
Leshan Radio Company
|
BUZ40B BSP372 BSP373 BSS129 BSS101 SN7000 BSS135 |
8 A, 500 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 TO-220, 3 PIN SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated 1.7 A, 100 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated) 150 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 130 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 250 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 80 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Infineon Technologies AG SIEMENS AG SIEMENS A G
|
SI4423DY SI4423DY-T1-E3 |
Trans MOSFET P-CH 20V 10A 8-Pin SOIC N T/R TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
BSS119 Q67000-S007 Q67000-S063 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode) 170 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
SI4354DY-T1-E3 |
TRANSISTOR 9500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
2N7002KL-TR1 BS170KL-TR1-E3 |
TRANSISTOR 470 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92, ROHS COMPLIANT, TO-18, 3 PIN, FET General Purpose Small Signal
|
Vishay社区 Vishay Siliconix
|
SI4864DY-T1-GE3 |
TRANSISTOR 17000 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, HALOGEN FREE AND ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
NTJD4105C NTJD4105CT1 NTJD4105CT1G NTJD4105CT2 NTJ |
Small Signal MOSFET 20V/-8V, Complimentary 0.63A/-0.775A SC-88 Small Signal MOSFET 20 V / −8.0 V, Complementary, 0.63 A / −0.775 A, SC−88
|
ON Semiconductor
|
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
ZXMD63C02XTC ZXMD63C02X ZXMD63C02XTA |
TWEEZER CURVED PRECISION TIP 2400 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA 20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET 2400 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA MO-187, MSOP-8
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors] Diodes, Inc.
|
|