PART |
Description |
Maker |
DTC115EM3T5G |
Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
PEMH9 PIMH9 PUMH9 PUMH9125 |
NPN-NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=10千欧姆,R2=47千欧 NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ NPN/NPN resistor-equipped transistors; R1 = 10 k楼?, R2 = 47 k楼?
|
NXP Semiconductors N.V.
|
BFP25 BFP22 Q62702-F721 Q62702-F621 Q62702-F201 Q6 |
NPN Silicon Transistor with high Reve... From old datasheet system NPN Silicon Transistors with High Reverse Voltage Isolation- UL94V-0 Package Material- Power Sharing on Output- Efficiency to 84% NPN Silicon RF Transisrors NPN Silicon Transistors (High breakdown voltage l Low collector-emitter saturation voltage) NPN硅晶体管(高耐压l低集电极发射极饱和电压)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
PTC943 PTC10000 PTC10000P PTC10001 PTC10001P PTC10 |
NPN Darlington Transistors NPN达林顿晶体管 VARISTOR RING 21.8V 8.5MM 3-TERM NPN Darlington Transistors TO-204MA
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
DTC114EMT2L DTC114EKAT146 DTC114EUAT106 DTC114EUB |
DTC114E series NPN 100mA 50V Digital Transistors NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
|
Rohm
|
BC817W BC817-25W BC817-40W BC818W BC817-16W BC818- |
NPN Silicon AF Transistors NPN AF硅晶体管 General Purpose Transistors - NPN Silicon AF Transistor for general AF applications
|
INFINEON[Infineon Technologies AG]
|
2DD2678-13 2DD2678 2DD2678-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 3000 mA, 12 V, NPN, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC, 4 PIN LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Incorporated
|
2N5209 2N5210 ON0057 2N5209-D 2N5210RLRA 2N5209RLR |
Amplifier Transistors NPN Silicon Ampllfler Translstor From old datasheet system Amplifier Transistors(NPN Silicon) Amplifier Transistor NPN
|
ON Semiconductor
|
2N3903 |
NPN Silicon General Purpose Transistors(NPN通用型晶体管) 200 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistors(NPN Silicon)
|
Motorola Mobility Holdings, Inc. ON Semiconductor
|
2SA2022 2SC5610 |
NPN Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors TRANSISTOR,BJT,NPN,50V V(BR)CEO,7A I(C),TO-220ML From old datasheet system
|
Sanyo Semiconductor Corp SANYO[Sanyo Semicon Device]
|
EMC4DXV5T5G |
Dual Common Base−Collector Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
2SD1468S 2SD1834 2SD1834T100W 2SD1468STPR 2SD1468S |
1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR Transistors > Small Signal Bipolar Transistors(up to 0.6W) Transistors > Medium Power Bipolar Transistors(0.5W-1.0W) BJT Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 晶体
|
ROHM
|