PART |
Description |
Maker |
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
A29512L-90 A29512L-70 A29512L-55 A29512V-55 A29512 |
Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory 64K的8位CMOS 5.0伏只,统一部门快闪记忆 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K的8位CMOS 5.0伏只,统一部门快闪记忆
|
AMIC Technology Corporation AMIC Technology, Corp.
|
M36W108AT120ZM6T M36W108AB100ZM6T M36W108AT100ZM6T |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Leaded Process Compatible:Yes RoHS Compliant: Yes Low-Smoke Zero-Halogen (LSZH) Shipboard Precision Low-Loss Serial Analog & Digital Video Coax Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid RoHS Compliant: Yes 8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product 81兆8,启动块闪存1兆位128KB的x8 SRAM的低电压多媒体存储产
|
意法半导 STMicroelectronics N.V.
|
DWF40A30 DWF40A40 DWR40A30 |
THREE PHASE DIODE MODULES (HALF BRIDGE) WIRELESS INFRASTRUCTURE SAMPLE RF/Coaxial Connector; RF Coax Type:MCX; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:179; Body Plating:Gold RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:MCX; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:179; Body Plating:Gold RoHS Compliant: Yes
|
SanRex Corporation
|
ZM330-Z ZM200X ZM200-Y ZM200-Z ZM220-Y ZM220-Z ZM2 |
RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Plug; RG Cable Type:8, 9, 213, 214; Body Material:Brass; Body Plating:Silver; Connector Retention Style:Clamp RoHS Compliant: Yes 1瓦表面贴装稳压二极管 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) RF/Coaxial Connector; RF Coax Type:N; Impedance:50ohm; Body Style:Panel Flanged Jack RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Jack; RG Cable Type:8, 9, 87A, 144, 165, 213, 214, 216, 225; Body Material:Brass; Body Plating:Nickel RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Impedance:50ohm; Body Style:Panel Flanged Receptacle; Body Material:Brass; Contact Plating:Silver; Series:N; Operating Temperature Range /-:65 C to 165 C; Voltage Rating:1500V RoHS Compliant: Yes N STR JACK,NICKEL PLATE,LMR240 RoHS Compliant: Yes 1WATT SURFACE MOUNT ZENER DIODE
|
Formosa Microsemi Co., Ltd. 美丽微半导体有限公司 FORMOSA[Formosa MS]
|
FS6051 FS6050 FS6053 FS6054 11257-813 11257-816 11 |
LOW-SKEW CLOCK FANOUT BUFFER ICs 低偏移时钟扇出缓冲器集成电路 Coaxial Cable; Coaxial RG/U Type:178B; Impedance:50ohm; Conductor Size AWG:30; No. Strands x Strand Size:7 x 38; Jacket Material:FEP; Cable/Wire MIL SPEC:M17/169-00001; Jacket Color:White; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
C1178 |
RG 58 A/U TYPE COAXIAL CABLE
|
General Cable Technologies Corporation
|
OL5492N-3 OL592N_3_597N_3 OL597N-3 OL5497N-3 OL592 |
1.55 レm 3 mW Coaxial Module 1.55レ米3兆瓦同轴单元 1.55 m 3 mW Coaxial Module 1.55 um 3 mW Coaxial Module From old datasheet system 1.55 μm 3 mW Coaxial Module
|
OKI electronic components OKI SEMICONDUCTOR CO., LTD. OKI[OKI electronic componets]
|
TBA12-11EGWA TBA12-12EGWA TBA12-22EGWA TA12-11 TA1 |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:25; No. Strands x Strand Size:Solid; Jacket Material:Polyethylene; Capacitance:16.9pF/ft; Conductor Material:Copper; Jacket Color:Red RoHS Compliant: Yes 30 MM 5 X 7 DOT MATRIX DISPLAYS 5X7 DOT MATRIX DISPLAY, GREEN, 30 mm
|
KINGBRIGHT[Kingbright Corporation] Kingbright Electronic Kingbright Corporation. Kingbright, Corp.
|
MRF01-J-178 MRF01J-HRMJ MRF01P-HRMJ MRF01-PR-1 MRF |
Push-On Coaxial Connectors (PC Card Type 2 Mountable) Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Metal; Series:MS C-26482 Series I; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Push-On Coaxial Connectors (PC Card Type 2 Mountable) 推进式同轴连接器(PC卡类挂墙
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
SMT |
Compact Coaxial Connectors Compatible with IEC60169-10 (Type SMB) Standard
|
Japan Aviation Electron...
|
C5039 |
1C 14 SOLID BCCS, FMPE OAS PVC RG 11/U TYPE COAXIAL CABLE
|
General Cable Technologies Corporation
|