PART |
Description |
Maker |
BH1603FVC BH1603FVC-TR |
Analog Current Output Type Ambient Light Sensor IC
|
Rohm
|
BH1621FVC BH1621FVC-TR |
Analog Current Output Type Ambient Light Sensor IC
|
Rohm
|
DPA4111 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Min:20Vrms; Output Voltage Max:140Vrms; Load Current Max:1A; Switching:Zero Cross; Output Current Max:1A; Output Current Min:0.025Arms; Output Type:SCR RoHS Compliant: Yes
|
CRYDOM CORP
|
AQY210LS AQY210LSZ AQY210LSX |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
BCR401 BCR401R |
Analog Silicon SSICs - output current: 10..60mA LED Driver(Supplies stable bias current even at low battery voltage) LED驱动器(供应稳定的偏置电流,即使在低电池电压
|
Infineon Technologies A... INFINEON[Infineon Technologies AG] Atmel, Corp.
|
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
AQW210HLAX AQW210HLAZ AQW210HL AQW210HLA |
PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tape and reel packing style. Picked from the 4/5 PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tube packing style. PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Surface-mount. Tape and reel packing style. Picked from the 1/2 PhotoMOS relay, GU (general use) type, 2-ch (form A) current limit function type. AC/DC type. I/O isolation: 5,000 VAC. Output rating: load voltage 350 V, load current 120 mA. Trough hole terminal. Tube packing style. GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|
PQ7DV5 |
Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators Variable Output Type High Output Current (5A) Type Low Power-loss Voltage Regulators
|
SHARP[Sharp Electrionic Components]
|
ADM693 ADM692 |
Analog Switch / Multiplexer (Mux) IC; On-Resistance, Rds(on):85ohm; Analog Switch Function:Analog Switch; Leakage Current:0.5nA; Supply Voltage Max Analog Switch / Multiplexer (Mux) IC; Analog Switch Function:Analog Switch; Package/Case:16-DIP; Leaded Process Compatible:No; Leakage Current:0.5nA
|
Analog Devices, Inc.
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
2SJ103 E001248 |
From old datasheet system P CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER ANALOG SWITCH CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS) FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS P CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER , ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
2SK362 E001527 |
N CHANNEL NUNCTION TYPE (FOR AUDIO AMPLIFIER/ ANALOG SWITCH/ CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS) From old datasheet system N CHANNEL NUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|