PART |
Description |
Maker |
7160 7161 7156 7163 7151 7154 7155 7157 7159 7162 |
Submicro Axial Lead Lamp,Micro Axial Lead Lamps,Axial Lead Lamps Submicro Axial Lead LampMicro Axial Lead LampsAxial Lead Lamps
|
GILWAY[Gilway Technical Lamp]
|
TMOV34S461M TMOV34S141M TMOV34S551M6 TMOV34S151M |
LED 3MM R/A WHITE 压敏电阻器产高能源产业热保护 SOLDER-WICK LEAD-FREE 5' 0.06,1 压敏电阻器产高能源产业热保护 Varistor Products - High Energy Industrial Thermally Protected 压敏电阻器产高能源产业热保护
|
Littelfuse, Inc.
|
3KP70CA-HF 3KP70A-HF 3KP45A-HF 3KP36A-HF 3KP36CA-H |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5%
|
Comchip Technology
|
B72210S171K101 B72220S171K101 B72210S141K101 B7221 |
VARISTOR 175VRMS 28.0W 2MS VARISTOR 175VRMS 98.0W 2MS VARISTOR 140VRMS 22.0W 2MS VARISTOR 320VRMS 84.0W 2MS VARISTOR 275VRMS 43.0W 2MS VARISTOR 35VRMS 1.1W 2MS VARISTOR 250VRMS 8.2W 2MS VARISTOR 75VRMS 20.0W 2MS VARISTOR 17VRMS 1.1W 2MS VARISTOR 11VRMS 0.3W 2MS VARISTOR 20VRMS 1.3W 2MS VARISTOR 95VRMS 3.4W 2MS VARISTOR 35VRMS 5.4W 2MS VARISTOR 50VRMS 8.4W 2MS VARISTOR 40VRMS 6.4W 2MS VARISTOR 30VRMS 26.0W 2MS VARISTOR 95VRMS 7.6W 2MS VARISTOR 115VRMS 3.6W 2MS VARISTOR 175VRMS 5.6W 2MS VARISTOR 20VRMS 0.6W 2MS VARISTOR 25VRMS 1.6W 2MS VARISTOR 300VRMS 76.0W 2MS 压敏电阻300VRMS 76.0W 2毫秒 VARISTOR 17VRMS 0.5W 2MS 压敏电阻17VRMS.5W 2毫秒 VARISTOR 250VRMS 140.0W 2MS 压敏电阻250VRMS 140.0W 2毫秒 VARISTOR 275VRMS 8.6W 2MS 压敏电阻275VRMS 8.6W 2毫秒 VARISTOR 130VRMS 74.0W 2MS 压敏电阻130VRMS 74.0W 2毫秒 VARISTOR 150VRMS 85.0W 2MS 压敏电阻150VRMS 85.0W 2毫秒 VARISTOR 385VRMS 40.0W 2MS 压敏电阻385VRMS 40.0W 2毫秒 VARISTOR 30VRMS 0.9W 2MS 压敏电阻30VRMS 0.9W 2毫秒 VARISTOR 75VRMS 12.0W 2MS 压敏电阻75VRMS 12.0W 2毫秒 VARISTOR 385VRMS 150.0W 2MS 压敏电阻385VRMS 150.0W 2毫秒 VARISTOR 115VRMS 30.0W 2MS 压敏电阻115VRMS 30.0W 2毫秒 VARISTOR 460VRMS 50.0W 2MS 压敏电阻460VRMS 50.0W 2毫秒 VARISTOR 275VRMS 151.0W 2MS 压敏电阻275VRMS 151.0W 2毫秒 VARISTOR 50VRMS 1.8W 2MS 压敏电阻50VRMS 1.8W毫秒 VARISTOR 95VRMS 25.0W 2MS 压敏电阻95VRMS 25.0W 2毫秒 VARISTOR 420VRMS 45.0W 2MS 压敏电阻420VRMS 45.0W 2毫秒 VARISTOR 14VRMS 2.0W 2MS 压敏电阻14VRMS 2.0W 2毫秒 VARISTOR 385VRMS 28.0W 2MS
|
压敏电阻 AVX, Corp. EPCOS AG Ecliptek, Corp. Belden, Inc. Solid State Devices, Inc.
|
V25S140P V25S115P V25S250P V25S150P V25S385P |
Varistor Products
|
Littelfuse
|
V751DHB34 V111DHB34 V131DHB34 V141DHB34 V151DHB34 |
Varistor Products - High Energy Industrial
|
LITTELFUSE[Littelfuse]
|
V751HB34 V131HB34 V151HB34 V251HB34 V271HB34 V321H |
Varistor Products - High Energy Industrial 压敏电阻器产高能源产
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
V33MLA1206N V48MLA1206N V14MLA0603N V26MLA0603N V5 |
Varistor Products Surface Mount Multilayer Varistors (MLVs) > ML Series
|
Littelfuse
|
V30MLA1210LN V48MLA1210LN V55MLA0402N V55MLA0603LN |
Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
|
Littelfuse
|
V18MLE0805LN V18MLE0805N V18MLE1206N |
Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLE Series
|
Littelfuse
|
1N4002 1N4006 1N4003 1N4007 1N4007FF 1N4007RL 1N40 |
Axial Lead Standard Recovery Rectifiers 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 100 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Standard Recovery Rectifiers 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 (1N4001 - 1N4007) Axial Lead Standard Recovery Rectifiers 1A 400V Standard Rectifier 1A 800V Standard Rectifier 1A 200V Standard Rectifier 1A 100V Standard Rectifier 1A 600V Standard Rectifier
|
http:// ONSEMI[ON Semiconductor]
|
AL-XKD361-F7 |
Super Yellow Axial With Gull Wing Lead AXIAL LED LAMPS
|
A-BRIGHT Inc
|
|