PART |
Description |
Maker |
GSRFTA0330A GSRFTA0707A GOLLEDGEELECTRONICSLTD-GSR |
1 FUNCTIONS, 821 MHz, SAW FILTER 1 FUNCTIONS, 429.25 MHz, SAW FILTER 1 FUNCTIONS, 584 MHz, SAW FILTER 1 FUNCTIONS, 656 MHz, SAW FILTER 1 FUNCTIONS, 420 MHz, SAW FILTER 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 1732.5 MHz, SAW FILTER 1 FUNCTIONS, 900 MHz, SAW FILTER 1 FUNCTIONS, 2017.5 MHz, SAW FILTER 1 FUNCTIONS, 1056 MHz, SAW FILTER 1 FUNCTIONS, 1842 MHz, SAW FILTER 1 FUNCTIONS, 942.5 MHz, SAW FILTER 1 FUNCTIONS, 2441.8 MHz, SAW FILTER 1 FUNCTIONS, 2158 MHz, SAW FILTER 1 FUNCTIONS, 315 MHz, SAW FILTER 1 FUNCTIONS, 1970 MHz, SAW FILTER 1 FUNCTIONS, 930.5 MHz, SAW FILTER 1 FUNCTIONS, 1870 MHz, SAW FILTER 1 FUNCTIONS, 424 MHz, SAW FILTER 1 FUNCTIONS, 2250 MHz, SAW FILTER 1 FUNCTIONS, 2665 MHz, SAW FILTER 1 FUNCTIONS, 868.3 MHz, SAW FILTER
|
GOLLEDGE ELECTRONICS LTD
|
S3LP507L S3LP807L S3LP156L S3HP807L S3HP156L S3HP1 |
Surface Mount LC Filters High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com 30 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 800 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 300 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 60 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 500 MHz, HIGH PASS FILTER LC filter, high pass, SMT, RoHS 15 MHz, HIGH PASS FILTER LC filter, low pass, SMT, RoHS 1000 MHz, LOW PASS FILTER
|
Coilcraft lnc. http:// Coilcraft, Inc.
|
TFS70H23 |
Filter specification 1 FUNCTIONS, 70.01 MHz, SAW FILTER Surface Acoustic Wave (SAW) Filter
|
Vectron International, Inc. VECTRON[Vectron International, Inc]
|
B39389-K2955-M100 K2955M |
1 FUNCTIONS, 37.4 MHz, SAW-VIDEO/SOUND FILTER IF Filter for Audio Applications IF Filter for Intercarrier Applications 中频滤波器载波应
|
EPCOS AG List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
CM1690-04DE CM1690-08DE CM1690-06DE |
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection 6 FUNCTIONS, 0.03 A, DATA LINE FILTER LEAD FREE, UDFN-12 8 FUNCTIONS, 0.03 A, DATA LINE FILTER
|
ON Semiconductor
|
LTC1064-709 LTC1064-7CSW |
Linear Phase, 8th Order Lowpass Filter Low Noise, Fast, Quad Universal Filter Building Block; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C SWITCHED CAPACITOR FILTER, BESSEL, LOWPASS, PDSO16
|
Linear Technology, Corp.
|
NFM61RH10T102T1 NFM61R30T472T1 FM61R00T330T1 FM61R |
CAP NFM61RH10T102T1 MURATA 1 1 FUNCTIONS, 100 V, 2 A, DATA LINE FILTER COIL, EMI FILTER 4700PF, 50V 2A 1 FUNCTIONS, 50 V, 2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
4400-040 4200-012 4400-005 |
EMI/RFI FILTER 1 FUNCTIONS, 50 V, 10 A, FEED THROUGH CAPACITOR EMI/RFI FILTER Bushing #4 1 FUNCTIONS, 200 V, 3 A, DATA LINE FILTER
|
TUSONIX, Inc. TUSONIX INC
|
EM10Q200 EM10Q-200 EM10Q-200-LF-T13 |
10 FUNCTIONS, DATA LINE FILTER LCD - EMI FILTER/TVS ARRAY
|
PROTEC[Protek Devices]
|
STF202-2204 STF202-30.TCT STF202-22.TC STF202-22.T |
USB Upstream Port Filter and TVS 2 FUNCTIONS, 5.25 V, DATA LINE FILTER
|
Semtech Corporation
|
B39431B3710U410 B37101 B39431-B3710-U410 |
SAW filter Short range devices 1 FUNCTIONS, 433.92 MHz, SAW FILTER
|
EPCOS AG
|
|