PART |
Description |
Maker |
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRLR3715 IRLU3715 IRLR3715TRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 54A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 54A条(丁)|52AA SMPS MOSFET 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STS4DPF20L 8006 |
DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET⑩ POWER MOSFET From old datasheet system DUAL P-CHANNEL 20V - 0.07 OHM - 4A SO-8 STRIPFET POWER MOSFET Dual P-CHANNEL POWER MOSFET DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFETPOWER MOSFET 双P沟道20V 0.07欧姆- 4A条的SO - 8 STripFET⑩功率MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics STMicroelectronics N.V.
|
IRF7460 IRF7460TR IRF7460TRPBF |
12 A, 20 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA Power MOSFET(Vdss=20V/ Id=12A) Power MOSFET(Vdss=20V, Id=12A) 20V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
IRF7204 IRF7204TR |
TRI N PLUG M 0-48 NO SEAL Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A) -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
ZXMN2B14FHTA ZXMN2B14FH |
20V N-CHANNEL ENHANCEMENT MODE MOSFET WITH LOW GATE DRIVE CAPABILITY 20V SOT23 N-channel enhancement mode MOSFET
|
Diodes Incorporated
|
STN5PF02V |
P-channel 20V - 0.065 - 4.2A - SOT-223 2.5V - Drive STripFET II Power MOSFET P-channel 20V - 0.065з - 4.2A - SOT-223 2.5V - Drive STripFET⑩ II Power MOSFET P-channel 20V - 0.065蟹 - 4.2A - SOT-223 2.5V - Drive STripFET??II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
FDG6332CF085 |
700 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET 20V N & P-Channel PowerTrench? MOSFETs 20V N & P-Channel PowerTrench?MOSFETs
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDFC2P100 |
Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3A, 150mohm 3 A, 20 V, 0.252 ohm, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
WNM2023-3TR WNM2023 |
N-Channel MOSFET Single N-Channel, 20V, 3.2A, Power MOSFET Supper high density cell design
|
TY Semiconductor Co., Ltd
|