PART |
Description |
Maker |
408-8737 |
The die assembly consists of an indenter die and nest die. Each die is held in the tool by a single screw
|
Tyco Electronics
|
TLE5009A16 |
Available as single die and dual die with separate supplies for each die
|
Infineon Technologies A...
|
LT1019IS8-2.5 LTC1798 LT1019 LT1019_1 LT1019ACH-10 |
Precision Reference Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Linear Technology, Corp. LINER[Linear Technology] http:// LINEAR TECHNOLOGY CORP
|
ADR01BRZ ADR02BRZ ADR06BUJZ-REEL7 ADR06AKSZ-REEL7 |
Ultracompact, Precision 10.0 V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Ultracompact, Precision 5.0 V Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 Ultracompact, Precision 3.0 V Voltage Reference; Package: TSOT; No of Pins: 5; Temperature Range: Automotive 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO5 Ultracompact, Precision 3.0 V Voltage Reference; Package: SC70; No of Pins: 5; Temperature Range: Automotive 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO5 Ultracompact, Precision 3.0 V Voltage Reference; Package: SOIC; No of Pins: 8; Temperature Range: Automotive 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO8 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO5
|
Analog Devices, Inc. ANALOG DEVICES INC
|
TC1026CEUA TC1026 TC1026CEOA TC1026CEPA TC1026CEOA |
The TC1026 is a mixed-function device combining a general-purpose op amp, comparator, and voltage reference in a single 8-Pin package. ... The TC1026 is a mixed-function device combining a general-purpose op amp, comparator, and voltage reference in a single 8-Pin package. This increased integration allows the user to replace two or three packages, which saves space, lowers s Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
|
MICROCHIP[Microchip Technology]
|
LT1019MH-10 LT1019MH-2.5 LT1019MH-4.5 LT1019MH-5 L |
Hex Inverters With Open-Collector Outputs 14-PDIP 0 to 70 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, MBCY8 Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.5 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.5 V, MBCY8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, MBCY8 ER 6C 3#16 3#8 PIN RECP From old datasheet system Precision References
|
Linear Technology, Corp. 基准电压电流 Linear Technology Corporation LINER[Linear Technology] http://
|
AS7C331MFT36A-10TQC AS7C331MFT32A-85TQC AS7C331MFT |
From old datasheet system LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 1M X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 1M x 32/36 Flow-through synchronous SRAM 1M X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 1M x 32/36 Flow-through synchronous SRAM 1M X 36 STANDARD SRAM, 7.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 1M X 36 STANDARD SRAM, 8.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3; Qty per Container: 1000; Container: Reel 1M X 32 STANDARD SRAM, 7.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3; Qty per Container: 1800; Container: Box 1M X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE, ZENER, 33V 5% 1W DIODE ZENER SINGLE 1000mW 22Vz 11.5mA-Izt 0.05 5uA-Ir 16.7Vr DO41-GLASS 5K/AMMO LM4040 Precision Micropower Shunt Voltage Reference; ; Container: Tray
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
AN8083S AN8083 |
Octal, 14-Bit D/A Converter with 5 ppm/°C On-Chip Reference in 14-Lead TSSOP; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial Quad, 14-Bit nanoDAC® with 5ppm/°C On-Chip Reference; Package: MSOP; No of Pins: 10; Temperature Range: Industrial Low Voltage Operation IC for DC-DC Converter
|
Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
SOT545-3 |
plastic thermal enganced thin quad flat package; 48 leads; body 7 x 7 x 1 mm; exposed die pad
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|