PART |
Description |
Maker |
NTD3055-094T4 |
Power MOSFET 12 Amps, 60 Volts; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 A, 60 V, 0.094 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
FDD5353 |
60V N-Channel Power Trench MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 11.5 A, 60 V, 0.0123 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Power Trench㈢ MOSFET 60V, 50A, 12.3mヘ N-Channel Power Trench? MOSFET 60V, 50A, 12.3mΩ
|
Fairchild Semiconductor, Corp.
|
DTL1N60 DTU1N60 DTP1N60 |
Power MOSFET Available in Tape and Reel
|
DinTek Semiconductor Co,.Ltd
|
PT510 PT501 PT510A PT501C PT510C PT501A PT501B |
PHOTOTRANSISTOR | NPN | 800NM PEAK WAVELENGTH | CAN-4.7 光电晶体管|叩| 800NM峰值波长|的CAN - 4.7 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU2405 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRFSL33N15D with Lead Free Packaging such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6610 with Standard Tape and Reel 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF2805S with Standard Packaging TO-18 Type Narrow Acceptance Phototransistor
|
Sharp Electrionic Components
|
MRF9130LSR3 MRF9130L MRF9130LR3 |
LEAD FREE A3932SEQ-T WITH TAPE & REEL UHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER FIELD EFFECT TRANSISTORS
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
NTMFS4122N NTMFS4122NT1G NTMFS4122NT3G |
Power MOSFET 30 V, 23 A, Single N-Channel SO-8 Flat Lead; Package: SO8FL / DFN6 5x6, 1.27P; No of Pins: 6; Container: Tape and Reel; Qty per Container: 5000 Power MOSFET 30 V, 23 A, Single N-Channel, SO-8 Flat Lead Power MOSFET 30 V, 23 A, Single N-Channel SO-8 Flat Lead; Package: SO8FL / DFN6 5x6, 1.27P; No of Pins: 6; Container: Tape and Reel; Qty per Container: 1500 9100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
X24C04V-1.8 X24C04PI-1.8 X24C04V-2.7 X24C04MI-1.8 |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3709ZCS with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3713L with Standard Packaging I2C Serial EEPROM 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46NS with Tape and Reel Right Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3303 with Standard Packaging I2C串行EEPROM
|
Electronic Theatre Controls, Inc.
|
AUIRF2905ZSTRL AUIRF2905ZSTRR AUIRFR2905ZTR AUIRFR |
HEXFET垄莽 Power MOSFET HEXFET庐 Power MOSFET HEXFET? Power MOSFET 42 A, 55 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA Ultra Low On-Resistance
|
International Rectifier List of Unclassifed Man...
|
ISL6265A ISL6265AHRTZ ISL6265AHRTZ-T |
Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs, 48-TQFN, -10 to 100°C, Tape and Reel BUF OR INV BASED MOSFET DRIVER, PQCC48
|
Intersil, Corp. Intersil Corporation
|
FQD5N60CTM |
600V N-Channel Advance QFET C-Series; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 2.8 A, 600 V, 2.5 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|