PART |
Description |
Maker |
CM1451 CM1451-06CP CM1451-06CS CM1451-08CP CM1451- |
LCD and Camera EMI Filter Array with ESD Protection
|
ON Semiconductor
|
CM1409-E6DE CM1409 CM1409-08DE CM1409-08DF CM1409- |
LCD and Camera EMI Filter Array with ESD Protection
|
CMD California Micro Devices Corp
|
CM1622 |
LCD and Camera EMI Filter Array with ESD Protection
|
California Micro Devices Corp
|
CM1492-06DE |
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection
|
ON Semiconductor
|
CM1460-08DE CM1460-06DE CM1460-04DE |
Praetorian C-L-C LCD and Camera EMI FilterArray with ESD Protection 6 FUNCTIONS, 0.03 A, DATA LINE FILTER ROHS COMPLIANT, TDFN-12
|
ON Semiconductor
|
CM1621-06DE CM1621 |
LCD and Camera EMI Filter Array with ESD Protection TVS DIODE, MO-229C 2.50 X 1.20 MM, 0.50 MM HEIGHT, LEAD FREE, DFN-12
|
California Micro Devices Corp ON Semiconductor
|
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
BXA10-48S12 BXA10-48S12W BXA10-48S15 BXA10 BXA10-1 |
2-line IPAD", EMI filter including ESD protection DC至DC转换 6-line IPAD", EMI filter including ESD protection 2-line IPAD", EMI filter including ESD protection 6-line IPAD", low capacitance EMI filter and ESD protection Mini and micro SD Card - EMI filtering and 25 kV ESD protection 7-line IPAD", EMI filter and ESD protection for LCD and cameras 6 line low capacitance EMI filter and ESD protection DC to DC Converter 8 line low capacitance EMI filter and ESD protection 8-10W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
EMI9408MUTAG EMI9408 |
PRAETORIAN L-C LCD and Camera EMI Array with ESD Protection
|
ON Semiconductor
|
SP6001-0XUTG-1 SP6002-0XUTG-1 |
LCD and camera interfaces in mobile devices are vulnerable to EMI from the cellular band
|
Littelfuse
|