PART |
Description |
Maker |
80CNQ040ASM 80CNQ045ASM 80CNQ040ASL 80CNQ045ASL 80 |
Microprocessor 2.32V Reset Monitor, -40C to 125C, 3-SC-70, T/R 45V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 40V 80A Schottky Common Cathode Diode in a D61-8-SL package 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 40V 80A Schottky Common Cathode Diode in a D61-8-SM package
|
International Rectifier
|
CMLD6263A CMLD6263S CMLD6263C |
SMD Schottky Diode Dual Pair: High Voltage: Common Anode SMD Schottky Diode Dual Pair: High Voltage: In Series SMD Schottky Diode Dual Pair: High Voltage: Common Cathode SURFACE MOUNT PICOmini??DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES SURFACE MOUNT PICOmini⑩ DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES SURFACE MOUNT PICOmini DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
OM4411SR OM4411ST |
20A 45V Hi-Rel Schottky Common Cathode Diode in a D2 package 20A 45V Hi-Rel Schottky Common Cathode Diode in a TO-257AA package SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
International Rectifier
|
25CTQ045S 25CTQ045-1 25CTQ 25CTQ035-1 25CTQ035S 25 |
45V 30A Schottky Common Cathode Diode in a D2-Pak package SCHOTTKYRECTIFIER SCHOTTKY RECTIFIER 35V 30A Schottky Common Cathode Diode in a TO-220AB package 35V 30A Schottky Common Cathode Diode in a D2-Pak package 35V 30A Schottky Common Cathode Diode in a TO-262 package 40V 30A Schottky Common Cathode Diode in a TO-262 package 45V 30A Schottky Common Cathode Diode in a TO-262 package 40V 30A Schottky Common Cathode Diode in a TO-220AB package 45V 30A Schottky Common Cathode Diode in a TO-220AB package 40V 30A Schottky Common Cathode Diode in a D2-Pak package
|
InternationalRectifier IRF[International Rectifier]
|
30CTQ045-1 30CTQ045S 30CTQ035 30CTQ035-1 30CTQ040- |
SCHOTTKY RECTIFIER 35V 30A Schottky Common Cathode Diode in a TO-262 package 45V 30A Schottky Common Cathode Diode in a TO-262 package 40V 30A Schottky Common Cathode Diode in a TO-262 package 40V 30A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier]
|
SDB20100PR |
20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
|
Thinki Semiconductor Co...
|
40CTQ150 40CTQ150-1 40CTQ150S |
150V 40A Schottky Common Cathode Diode in a TO-262 package 150V 40A Schottky Common Cathode Diode in a D2-Pak package 150V 40A Schottky Common Cathode Diode in a TO-220AB package SCHOTTKY RECTIFIER
|
International Rectifier
|
SBS817 |
Schottky Barrier Diode, 15V, 2A, Low VF, Non-Monolithic Dual EMH8 Common Cathode
|
ON Semiconductor
|
12CTQ045-1 12CTQ045S 12CTQ040S 12CTQ045 12CTQ 12CT |
45V 12A Schottky Common Cathode Diode in a D2-Pak package 40V 12A Schottky Common Cathode Diode in a D2-Pak package 40V 12A Schottky Common Cathode Diode in a TO-262 package 45V 12A Schottky Common Cathode Diode in a TO-220AB package 40V 12A Schottky Common Cathode Diode in a TO-220AB package 35V 12A Schottky Common Cathode Diode in a D2-Pak package 35V 12A Schottky Common Cathode Diode in a TO-220AB package 45V 12A Schottky Common Cathode Diode in a TO-262 package 35V 12A Schottky Common Cathode Diode in a TO-262 package SCHOTTKY RECTIFIER
|
IRF[International Rectifier]
|
153CMQSERIES 153CMQ 153CMQ100 153CMQ080 |
100V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package 80V 150A Schottky Common Cathode Diode in a D-60 (Isolated) package SCHOTTKY RECTIFIER 150 Amp
|
IRF[International Rectifier]
|
CMPSH05-4C10 |
SURFACE MOUNT DUAL, COMMON CATHODE HIGH CURRENT, LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
203CMQ...SERIES 203CMQ100 203CMQ080 |
SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 200 Amp 80V 200A Schottky Common Cathode Diode in a TO-244AB Isolated package 100V 200A Schottky Common Cathode Diode in a TO-244AB Isolated package
|
International Rectifier, Corp.
|