PART |
Description |
Maker |
LBS13503 |
135.4MHz SAW Filter 4MHz Bandwidth
|
SIPAT Co,Ltd
|
LTC3411 LTC3411EMS LTC3411EDD |
1.25A, 4MHz, Synchronous Step-Down DC/DC Converter 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO10 1.25A/ 4MHz/ Synchronous Step-Down DC/DC Converter 4MHz, 1.25A Synchronous Step-Down DC/DC Converter 1.25A 4MHz Synchronous Step-Down DC/DC Converter
|
Linear Technology, Corp. LINER[Linear Technology]
|
AT27C2048 AT27C2048-12 AT27C2048-12JC AT27C2048-12 |
2-Megabit 128K x 16 OTP EPROM 128K X 16 OTPROM, 120 ns, PDIP40 12-Bit Asynchronous Binary Counter 16-TSSOP -40 to 85 128K X 16 OTPROM, 70 ns, PDIP40 12-Bit Asynchronous Binary Counter 16-TSSOP -40 to 85 128K X 16 OTPROM, 70 ns, PDSO40 2-Megabit 128K x 16 OTP EPROM 128K X 16 OTPROM, 120 ns, PQCC44 Enhanced Product 12-Bit Asynchronous Binary Counter 16-TSSOP -55 to 125 12-Bit Asynchronous Binary Counter 16-VQFN -40 to 85 12-Bit Asynchronous Binary Counter 16-SSOP -40 to 85 12-Bit Asynchronous Binary Counter 16-TVSOP -40 to 85 12-Bit Asynchronous Binary Counter 16-PDIP -40 to 85 12-Bit Asynchronous Binary Counter 16-SOIC -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MAX15021ATI MAX15021ATI/V |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
|
Maxim Integrated Produc...
|
IDT7202 IDT72021 IDT72021L25D IDT72021L25DB IDT720 |
CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9 / 2K x 9 / 4K x 9 CLIP HOLD-DOWN FOR SP/DP MK SER CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9 异步FIFO的CMOS带重传每1000 × 9K × 9K的9 CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9 4K X 9 OTHER FIFO, 35 ns, PQCC32 CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
GS72116TP-10 GS72116TP-15 GS72116TP GS72116J-15 GS |
15ns 128K x 16 2Mb asynchronous SRAM 8ns 128K x 16 2Mb asynchronous SRAM 10ns 128K x 16 2Mb asynchronous SRAM 12ns 128K x 16 2Mb asynchronous SRAM
|
GSI[GSI Technology]
|
SCC2692 SCC2692_3 SCC2692AE1A44 SCC2692AC1B44 SCC2 |
Dual universal asynchronous receiver/transmitter (DUART锛?????ㄥ?姝ユ??跺?浼???ī Dual universal asynchronous receiver/transmitter (DUART双通用异步接收传送器) Dual asynchronous receiver/transmitter DUART From old datasheet system Dual asynchronous receiver/transmitter (DUART)
|
NXP Semiconductors N.V. Philips Semiconductors
|
ST16C450IJ44-F ST16C450CQ48 16C450 |
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) 1 CHANNEL(S), 1.5M bps, SERIAL COMM CONTROLLER, PQFP48 UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) 通用异步接收/发送器(UART
|
Exar, Corp. Exar Corporation
|
P82050 82050 |
ASYNCHRONOUS COMMUICATIONS CONTROLLER Asynchronous Communications Controller
|
INTEL[Intel Corporation]
|
SCC2691AC1N24 SCC2691 SCC2691AC1A28 SCC2691AE1A28 |
Universal asynchronous receiver/transmitter (UART) Universal asynchronous receiver/transmitter (DUART通用异步接收传送器) From old datasheet system Universal asynchronous receiver/transmitter UART
|
Philips Semiconductors NXP Semiconductors
|