PART |
Description |
Maker |
BCR48PN |
NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
|
Siemens Semiconductor G...
|
UPD44324364F5-E50-EQ2 UPD44324084 UPD44324084F5-E3 |
36M-BIT DDRII SRAM 4-WORD BURST OPERAT
|
NEC[NEC]
|
AN6873NS |
Fluorescent Display Tube Drive Circuit (8-circuit)
|
Panasonic
|
AN1295 |
A DEVELOPMENT BOARD TO DRIVE A TRIAC WITH ST52X420 DIRECTLY FROM THE MAINS
|
SGS Thomson Microelectronics
|
TLP559IGM E006367 |
TRIAC DRIVE PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE From old datasheet system
|
Toshiba
|
MAC137-600-BG MAC137-700-BS MAC137-500-BS |
600 V, 8 A, TRIAC, TO-220AB 700 V, 8 A, TRIAC 500 V, 8 A, TRIAC
|
MOTOROLA INC
|
NTE56010 NTE56004 NTE56006 NTE56008 NTE56009 |
(NTE56004 - NTE56010) TRIAC / 15 Amp TRIAC, 15 Amp 200 V, 15 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
NTE[NTE Electronics]
|
RN6002 |
Transistor Silicon NPN Epitaxial Type (PCT Process) Motor Drive Circuit Applications Power Amplifier Applications Power Switching Applications Motor Drive Circuit Applications / Power Amplifier Applications / Power Switching Applications
|
Toshiba Semiconductor
|
Q4008R455 Q4X8E373 Q4X8E373AP Q4015R552 Q4015R553 |
400 V, 8 A, TRIAC, TO-220AB 400 V, 0.8 A, TRIAC, TO-92 400 V, 15 A, TRIAC, TO-220AB 500 V, 4 A, TRIAC, TO-202AB 800 V, 4 A, TRIAC, TO-220AB 800 V, 10 A, TRIAC, TO-220AB 200 V, 8 A, TRIAC 200 V, 10 A, TRIAC
|
|
TDA5145T |
Brushless DC motor drive circuit
|
NXP Semiconductors
|
TDA5145TS |
Brushless DC motor drive circuit
|
Philips Semiconductors
|