PART |
Description |
Maker |
2SB798 2SB798-T2 2SB798-T1 2SB794L 2SB798DK-AZ 2SB |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR MINIMOLD PACKAGE-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 1.5A I(C) | TO-126 PNP SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor
|
IRC Advanced Film NEC[NEC]
|
Q62702-F1063 BFT93 |
PNP Silicon RF Transistor for broadba... PNP Silicon RF Transistor (For low distortion broadband amplifiers up to 1 GHz at collector currents from 2mA up to 20mA) UHF BAND, Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon http://
|
AP1034 AP1038 AP1023 AP1145 AP1037 AP1022 AP1065 A |
TRANSISTOR | BJT | PNP | 275V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 10A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 250V V(BR)CEO | 10A I(C) | TO-66 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 10A I(C) | TO-210AC TRANSISTOR | BJT | PNP | 170V V(BR)CEO | 10A I(C) | TO-5 TRANSISTOR | BJT | PNP | 150V V(BR)CEO | 10A I(C) | TO-33 TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 10A I(C) | TO-3 晶体管|晶体管|进步党| 120伏特五(巴西)总裁| 10A条一(c)|
|
SCHURTER AG
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
BC858AW-7-F BC858BW-7-F BC857CW-7-F BC858CW-7-F BC |
TRANS PNP BIPOLAR 45V SOT-323 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR 100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-3 PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
|
Diodes Inc. Diodes, Inc. Diodes Incorporated
|
FMMTA92 FMMTA93 FMMTA92TA FMMTA92R |
200 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR PNP High Voltage Transistor
|
ZETEX PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
2SA1396 2SA1396-AZ 2SA1396M 2SA1396-K-AZ |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 10A I(C) | SOT-186 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 10A条一(c)|的SOT - 186 10 A, 100 V, PNP, Si, POWER TRANSISTOR PNP SILICON POWER TRANSISTOR
|
NEC, Corp.
|
PBSS4021PT |
20 V, 3.5 A PNP low VCEsat (BISS) transistor 20 V, 3.5 A PNP low V_CEsat (BISS) transistor 3500 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
NXP Semiconductors N.V.
|
2SA1350 2SA1350D |
Silicon PNP Transistor Silicon PNP Epitaxial TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | SPAK
|
HITACHI[Hitachi Semiconductor]
|
PMBT3906YS PMBT3906YS115 |
40 V, 200 mA PNP/PNP general-purpose double transistor 40 V, 200 mA PNP-PNP general-purpose double transistor 40 V, 200 mA PNP/PNP general-purpose double transistor; Package: SOT363 (SC-88); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
PBSS2515VPN |
15 V low VCEsat NPN-PNP transistor 500 mA, 15 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR 15 V low VCE(sat) NPN/PNP transistor
|
NXP Semiconductors N.V.
|