PART |
Description |
Maker |
MAX6308UK00D1 MAX6308UK00D1T |
5-Pin, Multiple-Input, Programmable Reset ICs
|
MAXIM - Dallas Semiconductor
|
2CCN0512SA 2CCR0512SA 2CCR0512SAX 2CCR0512DBX 2CCN |
Analog IC 5-Pin, Multiple-Input, Programmable Reset ICs 模拟IC
|
Belden, Inc.
|
293-766-30 |
5-Pin, Multiple-Input, Programmable Reset ICs BUEGELMIKROMETER数字0 - 25毫米0 - 1ZOLL
|
Molex, Inc.
|
2DI150M-050 |
5-Pin, Multiple-Input, Programmable Reset ICs Power Transistor Module
|
Fuji Electric
|
MAX630508 MAX6305UK00D-T MAX6305EUK00D-T MAX6306UK |
5-Pin, Multiple-Input, Programmable Reset ICs 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
2MBI75S 2MBI75S-120 |
IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A IGBT模块S系列,包IGBT200X75A 5-Pin, Multiple-Input, Programmable Reset ICs 100 A, 1200 V, N-CHANNEL IGBT
|
http:// FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|
PIC12CE673 PIC12CE674 PIC16C65B PIC16C67 PIC16CR65 |
This powerful (400 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package and features 4 channels This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 40- or 44-pin package and is upwards This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS ROM-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 40- or 44-pin package and is upwards This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package. Easily adapted for au This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 28-pin package and is upwards compati
|
Microchip
|
PIC12C671 PIC12C672 PIC12C508A PIC12C509A |
This powerful (400 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package and features 4 channels This powerful (1µsecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 8-pin package. Easily adapted for auto
|
Microchip
|
200M14CB 30H07CB 10H07CB 40H07CB 15H07CB 6H07CB 2H |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit 16-Port, 5.5V Constant-Current LED Driver 5-Pin, Multiple-Input, Programmable Reset ICs Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Fuse 保险 HRC FORM II Current Limiting Fuses
|
Intersil, Corp. Cooper Bussmann, Inc.
|
2N859 2N4383 2N862 2N863 2N860 2N858 2N1257 |
TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-18 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 800MA I(C) | TO-5 晶体管|晶体管|叩| 30V的五(巴西)总裁| 800mA的一(c)| 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 5-Pin, Multiple-Input, Programmable Reset ICs
|
Electronic Theatre Controls, Inc.
|
PIC16F818 PIC16F819 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp This powerful (200 nanosecond instruction execution) yet easy–to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upward
|
Microchip
|
ADM6305D3ARJZ-RL7 ADM6306D131ARJZ-R7 ADM6306D131AR |
Multiple Input Programmable Supervisory ICs
|
Analog Devices
|