PART |
Description |
Maker |
10234 10140 10200 10201 10202 10203 10204 10211 10 |
Avago Aveon20mm range
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
ASMT-AB00-NMN01 ASMT-AB00-NLN00 ASMT-AB00-NLN01 AS |
Avago Technologies regrets to announce the obsolescence of a list of products, which are segregated into the following categories
|
AVAGO TECHNOLOGIES LIMITED
|
AFCT-5765NLZ AFCT-5765NLZ-15 AFCT-5765NPZ |
Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI Part of the Avago Technologies METRAK Family
|
AVAGO TECHNOLOGIES LIMI...
|
BD9302FP-E |
A wide input voltage range of 6 V to 18 V, Easy switching frequency setting in the range of 200 k to 2.5 MHz.
|
Rohm
|
EDI8C32512CA20EQ EDI8C32512CA20EI EDI8C32512CA20EM |
270MHz Ultra-Accurate Amplifiers; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 14-HTSSOP T&R 500MHz Low Power Current Feedback Amplifier; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 18-Channel TFT-LCD Reference Voltage Generator; Temperature Range: -40°C to 85°C; Package: 38-HTSSOP T&R Multi-Channel Buffer; Temperature Range: -40°C to 85°C; Package: 16-TSSOP T&R Integrated Buffers with VCOM; Temperature Range: -40°C to 85°C; Package: 28-HTSSOP T&R X32号的SRAM模块
|
Microchip Technology, Inc.
|
TG110-E050N5 TG110-E055N5 TG110-E120N5 TG110-E125N |
Extended Temperature Range, E-Ultra?/a> 10/100BASE-TX SOIC-16 Magnetic Modules Extended Temperature Range, E-Ultra⑩ 10/100BASE-TX SOIC-16 Magnetic Modules Extended Temperature Range, E-Ultra 10/100BASE-TX SOIC-16 Magnetic Modules Extended Temperature Range/ E-Ultra 10/100BASE-TX SOIC-16 Magnetic Modules DIODE ZENER DUAL ISOLATED 200mW 16Vz 7.8mA-Izt 0.05 0.1uA-Ir 12 SOT-363 3K/REEL Extended Temperature Range, E-Ultra10/100BASE-TX SOIC-16 Magnetic Modules
|
List of Unclassifed Manufacturers ETC[ETC] N.A. Electronic Theatre Controls, Inc.
|
LT6105 LTC2970 LTC2974 LTC2978 LTC4222 LTC2450 LTC |
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
|
Linear Technology
|
TSC3824 TSC3827 TSC3828 TSC3829 TSC1220 TSC1222 TS |
Input voltage range:80-160V output voltage 220V (0.8A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 48V (15A) DC/DC converter Input voltage range:160-320V output voltage 220V (10A) DC/DC converter Input voltage range:160-320V output voltage 110V (4A) DC/DC converter Input voltage range:80-160V output voltage 220V (1A) DC/DC converter Input voltage range:36-75V output voltage 5V (30A) DC/DC converter Input voltage range:36-75V output voltage 12V (15A) DC/DC converter Input voltage range:36-75V output voltage 220V (0.8A) DC/DC converter Input voltage range:36-75V output voltage 110V (1.5A) DC/DC converter Input voltage range:36-75V output voltage 24V (7.5A) DC/DC converter Input voltage range:36-75V output voltage 48V (3.6A) DC/DC converter Input voltage range:160-320V output voltage 24V (100A) DC/DC converter Input voltage range:160-320V output voltage 48V (45A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 220V (10A) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
AM21L41-15DCB AM21L41-15PCB AM21L41-20DCB AM21L41- |
250µA, 3MHz, 200V/µsOperational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifier; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 12MHz, 400V/us Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 25MHz, 600V/us Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C High Power Synchronous DC/DC Controller; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C x1的SRAM
|
RECOM Electronic GmbH
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
HPC16083XXX/V20 HPC16083XXX/V30 HPC26083XXX/V17 HP |
Push-on lock system, Miniature coaxial connectors; HRS No: 312-0187-8 40; Impedance (ohm): 75; Frequency Range (GHz): 0 to 1; Operating Temperature Range (degrees C): -30 to 60; General Description: Ground plate 16位微控制 16-Bit Microcontroller 16位微控制
|
Spansion, Inc. ITT, Corp. Bel Fuse, Inc.
|