PART |
Description |
Maker |
LTSHSM-5-DV |
.050x.050 cl Dual Row - Surface Mount - Terminal Strip Headers - Low Profile - Custom
|
Major League Electronics
|
TSHS-6-D |
.050x.100 cl Dual Row - Straight Terminal Strips
|
Major League Electronics
|
TSHSM-5-DV |
.050x.050 cl Dual Row - Surface Mount Terminal Strip Headers
|
Major League Electronics
|
TSHCRE-1-S |
.100 cl Single Row - Right Angle Terminal Strip Headers - Custom Elevated
|
Major League Electronics
|
LTSHCR-1-T |
.100 cl Triple Row - Right Angle Low Profile Terminal Strip Header - Custom
|
Major League Electronics
|
TSHSCM-1-SM |
.100 cl Single Row - Vertical - Custom Terminal Strip Header - Surface Mount
|
Major League Electronics
|
BSTCRSM-1-SS |
.100 cl Singe Row - Right Angle Custom Board Stacker Terminal Strip - Surface Mount
|
Major League Electronics
|
BSTC-2-D |
.079cl Dual Row - Custom Board Stacker Socket Strips
|
Major League Electronics
|
A-70280-0115 0010897720 010-89-7720 |
2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, High Temperature, 72 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107) PC Tail 2.54mm (.100") Pitch C-Grid垄莽 Breakaway Header, Dual Row
|
Molex Electronics Ltd.
|
BC847BDW1T1 BC847BDW1T1G BC846BDW1T1 BC848CDW1T1 B |
Dual General Purpose Transistors 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84%
|
ONSEMI[ON Semiconductor]
|
0702800458 70280-0458 |
2.54mm (.100") Pitch C-Grid庐 Breakaway Header, Dual Row, Vertical, HighTemperature, 100 Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, Tin (Sn) PC Tail 2.54mm (.100) Pitch C-Grid? Breakaway Header, Dual Row, Vertical, HighTemperature, 100 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Tin (Sn) PC Tail
|
Molex Electronics Ltd.
|