PART |
Description |
Maker |
TRF-2000L TRF-4000L |
Tip and Ring Common Mode Filters
|
Coilcraft lnc.
|
251S43W474ZV6E 251S43W105ZV6E 301S43W474ZV6E 301S4 |
TIP & RING CHIP CAPACITORS TIP&RING CHIP CAPACITORS TIP RING CHIP CAPACITORS
|
Johanson Technology Inc. http:// List of Unclassifed Manufacturers ETC
|
DP64 D64L4Y5-849HZ D64 D64H4B-2.50KHZ D64H4B-33.3K |
From old datasheet system TIP, 0.25MM MICRO FINE 32-Pin DIP 4 - Pole Filters 32引脚DIP 4 -极滤波器 16 Pin DIP 2-Pole Filters 16引脚DIP 2极点滤波
|
Frequency Devices ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
SY3517-E SY3517-EB |
SCREWDRIVER, SENSO SLOT 8.0 X 175SCREWDRIVER, SENSO SLOT 8.0 X 175; Tip Size A x B:8 x 1.2mm; Tip size:8mm; Length, blade:175mm; Length, Inches:7"; Handle type:COLOUR CODED; Tip Size:8 mm; Tip type:Flared Slot LED Lamp
|
AUK[AUK corp]
|
C0805C472KARACTU |
Capacitor, Ceramic, SMD, MLCC, Tip & Ring, Temperature Stable, 4700 pF, /-10% Tol, 250 V, X7R, 0805 (2012 metric)
|
Kemet Corporation
|
MH88625 |
Long loop (OPS) SLIC with 2-4 wire conversion, Programmable line impedance, Unbalanced and tip/ring reversal detection and On-hook transmission for DID
|
Zarlink Semiconductor
|
CA-QFE44SE-M-Z-T-01 |
Carrier Adaptor 44 position QFP Carrier Adaptor to mini grid. Package specs: 12mm tip to tip, 10mm body, 0.8mm pitch.
|
Ironwood Electronics.
|
64001-1400 64001-1500 19073-0188 19073-0170 19204- |
Nylon Insulated Ring 3 and 4 Way Ring Splice and # 5-6, # 8, # 10, 1/4 Stud Size Ring Terminal with Universal Crimp Tool
|
MolexKits
|
RDXA-R2180-T1690A RDXA-R1855-T1765A RDXA-R2385-T23 |
Dielectric Ceramic Filters and Duplexers 介质陶瓷滤波器和双工 Dielectric Ceramic Filters and Duplexers 841 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 942.5 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 947.5 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 2385 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 2800 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 852 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 813 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 881.5 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 808 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 2140 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 1310 MHz, DIELECTRIC BPF Dielectric Ceramic Filters and Duplexers 1930 MHz, DIELECTRIC BPF
|
Raltron Electronics, Corp. Vectron International, Inc.
|
HY27LF081G2M-TCP HY27LF081G2M-TCS HY27LF161G2M-TCB |
Inductor; Inductor Type:Power; Inductance:2uH; Inductance Tolerance: 25 %; Series:CTX; Package/Case:PCB Surface Mount; Core Material:Amorphous Metal; Current, lt rms Parallel:7.26A; Current, lt rms Series:3.63A RoHS Compliant: Yes 3.3V Differential Transceiver 8-PDIP -40 to 85 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory 1Gbit的(128Mx8bit / 64Mx16bit)NAND闪存 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory 128M X 8 FLASH 1.8V PROM, 30 ns, PDSO48 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory 64M X 16 FLASH 1.8V PROM, 30 ns, PDSO48 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory 64M X 16 FLASH 3.3V PROM, 30 ns, PDSO48 CONNECTOR ACCESSORY 128M X 8 FLASH 3.3V PROM, 30 ns, PDSO48 CONNECTOR ACCESSORY 64M X 16 FLASH 1.8V PROM, 30 ns, PDSO48 Power Heater Soldering Tip; Tip/Nozzle Style:Chisel; Tip/Nozzle Thickness:0.2"; Tip/Nozzle Size:0.40 1Gbit的(128Mx8bit / 64Mx16bit)NAND闪存 COILTRONICS RoHS Compliant: Yes 1Gbit的(128Mx8bit / 64Mx16bit)NAND闪存 Power Heater Soldering Tip; Tip/Nozzle Style:Chisel; Tip/Nozzle Thickness:0.1"; Tip/Nozzle Size:0.43 RoHS Compliant: Yes 1Gbit (128Mx8bit / 64Mx16bit) NAND Flash Memory
|
Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
19074-0004 19080-0003 19075-0014 19079-0011 19075- |
STAR RING KRIMPTITE (SRA-129-08) 1 mm2, BRASS, RING TERMINAL MULTI-STUD RING INSULKRIMP (B-2006-MSX) 2 mm2, COPPER ALLOY, RING TERMINAL STAR RING INSUL ON TAPE (SRB-229-06XT) 2 mm2, BRASS, RING TERMINAL MULTI-STUD RING (C-1006-MS) 6 mm2, COPPER ALLOY, RING TERMINAL STAR RING INSUL ON TAPE (SRA-229-06XT) 1 mm2, BRASS, RING TERMINAL STAR RING KRIMPTITE (SRA-129-06) 1 mm2, BRASS, RING TERMINAL 190770005 1 mm2, BRASS, RING TERMINAL STAR RING (STEEL) INSUL TAPED (SRA-S-229 1 mm2, STEEL, RING TERMINAL MULTI-STUD KRIMPTITE TAPED (C-1006-MST) STAR RING (STEEL) ON TAPE (SRB-S-129-10T 190740025
|
Molex, Inc. Littelfuse, Inc. MOLEX INC
|
PN14-6RX-C PN22-10R-C |
TERM RING EXP NYL 16-14AWG #6 COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):26-22; Stud Size:#10; Pack Quantity:100 COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Panduit, Corp.
|
|