PART |
Description |
Maker |
ST10F276_06 ST10F276 ST10F276Z5Q3 ST10F276Z5T3 |
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMICROELECTRONICS[STMicroelectronics]
|
ST10F27606 |
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMicroelectronics
|
ST10F273 ST10F276 |
16-bit MCU with MAC unit, up to 832 Kbytes Flash memory and up to 68 Kbytes RAM 16位微控制器与陆委会单位,高达832千字节闪存和多达68个字节的RAM
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
ST10R272LT6 ST10R272LT1 |
16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
|
http://
|
MC9S12A128 MC9S12DG128EVPV |
16 bit Microcontroller Unit (MCU)(16位MCU) 16位微控制器单元(MCU)(16位微控制器) 16-BIT, FLASH, 25 MHz, MICROCONTROLLER, PQFP112
|
飞思卡尔半导体(中国)有限公司 MOTOROLA INC
|
BUS-855926L BUS-855947 BUS-855935L BUS-855935Q BUS |
DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, DIP24 100mW stereo headphone amplifier with standby mode 通信集成电路 MPEG 2.5 layer III (MP3) audio decoder 通信集成电路 300mW at 3.3V supply audio power amplifier with standy mode active low 通信集成电路 80V-80W DMOS audio amplifier with mute/st-by 通信集成电路 12W audio amplifier 通信集成电路 25W 25W stereo class-D amplifier 50W mono in BTL 通信集成电路 STEREO AUDIO AMPLIFIER 通信集成电路 Output rail to rail 1W audio power amplifier with standby mode 通信集成电路 8-bit OTP/EPROM/FASTROM MCUs with A/D converter, safe reset, auto-reload timer and EEPROM 通信集成电路 1.2W differential input/output audio power amplifier with selectable standby 通信集成电路 6 6W stereo amplifier 2 X 2W stereo audio amplifier 2W mono amplifier 3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset 70V-60W DMOS audio amplifier with mute/standby Pop-free 100mW stereo headphone amplifier 16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM ST10F272B-E Final Data Digital signal processing IC for speech and audio applications 12 12W stereo amplifier with muting Tone control and surround digitally controlled audio processor Telecommunication IC 8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface 10W car radio audio amplifier 5W 5W AMPLIFIER WITH DC VOLUME CONTROL TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND 5W audio amplifier with muting 16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM Sound Terminal" 2-channel microless high-efficiency digital audio system 8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI Rail-to-rail output 1W audio power amplifier with standby mode active low 8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface 5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD® 32-bit Power Architecture" based MCU for automotive powertrain applications 14W 14W stereo amplifier with mute & stby 6 2-Ch. multistandard audio decoder
|
DATA DEVICE CORP TE Connectivity, Ltd. Motorola Mobility Holdings, Inc. Bourns, Inc. Advanced Linear Devices, Inc. XP Power, Ltd. Microchip Technology, Inc. Future Technology Devices International, Ltd.
|
HD68B09P HD68B09 HD68A09 HD68A09P HD6809 HD6809P |
N/A IC,MICROPROCESSOR,8-BIT,MOS,DIP,40PIN,CERAMIC MCU (MICRO PROCESSING UNIT)
|
Renesas HITACHI[Hitachi Semiconductor]
|
E0C88F360 |
/862/832/348/317/316/308,On-board Writing Supported(8位CMOS单片微型计算机(位E0C88 CMOS中央处理器核点阵LCD驱动器,与E0C88861/862/832/348/317/316/308兼容,支持在线写操作
|
爱普生(中国)有限公
|
MC68HC908AP64 MC68HC908AP32CB |
8 bit Microcontroller Unit (MCU)(8位MCU) Microcontrollers 8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PDIP42 Microcontrollers 微控制器
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
HD6801S0 HD6801S0P HD6801S5 HD6801S5P |
0.3-7 V, 1.25 MHz, CMOS microcomputer unit MCU ( MICROCOMPUTER UNIT )
|
Hitachi Semiconductor
|
MC9S12A256CPV MC9S12A256MPV MC9S12DG256CPV MC9S12D |
MICROCONTROLLER UNIT (MCU)
|
FREESCALE[Freescale Semiconductor, Inc]
|