PART |
Description |
Maker |
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
RC28F128J3A-150 E28F128J3A-150 |
3 Volt Intel StrataFlash Memory 3伏特英特尔StrataFlash存储 3 Volt Intel StrataFlash Memory 8M X 16 FLASH 2.7V PROM, 150 ns, PDSO56
|
Intel, Corp. http://
|
GE28F256L30T110 GE28F128L30B110 |
1.8 Volt Intel StrataFlashWireless Memory with 3.0-Volt I/O (L30) 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA79 1.8 Volt Intel StrataFlashWireless Memory with 3.0-Volt I/O (L30) 8M X 16 FLASH 1.8V PROM, 88 ns, PBGA56
|
Intel, Corp.
|
E28F320J5-100 DA28F320J5-100 |
Intel StrataFlash memory 32 Mbit. Access speed 100 ns
|
Intel
|
GE28F256L18B85 GE28F256L18T85 GE28F128L18T85 PH28F |
1.8V, 85ns, 256Mbit StrataFlash Wireless Memory 1.8V, 85ns, 128Mbit StrataFlash Wireless Memory 1.8V, 85ns, 128Mbit lead-free StrataFlash Wireless Memory
|
Intel
|
28F640P3 PF48F3P0ZB00 PF48F2P0ZB00 PC48F0P0VB00 PC |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Conductor Plating:Copper RoHS Compliant: Yes Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:5m; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Contact Current Max:3A; Contact Rating:3A Intel StrataFlash Embedded Memory 16M X 16 FLASH 1.8V PROM, 88 ns, PDSO56 Intel StrataFlash Embedded Memory 4M X 16 FLASH 1.8V PROM, 85 ns, PDSO56 Intel StrataFlash Embedded Memory 8M X 16 FLASH 1.8V PROM, 85 ns, PDSO56 COAXIAL CABLE; COAXIAL RG/U TYPE:11; IMPEDANCE 75OHM CONDUCTOR SIZE AWG:14; NO. STRANDS X STRAND SIZE: SOLID; JACKET MATERIAL:POLYVINYLCHLORIDE (PVC); CONDUCTOR MATERIAL:STEEL; CONDUCTOR PLATING COPPER; JACKET COLOR:BLAC 英特尔StrataFlash嵌入式存储器 Intel StrataFlash Embedded Memory 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 Intel StrataFlash Embedded Memory 英特尔StrataFlash嵌入式存储器 Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:20-41 英特尔StrataFlash嵌入式存储器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle 英特尔StrataFlash嵌入式存储器 Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:43mm; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Contact Current Max:3A; Contact Rating:3A 英特尔StrataFlash嵌入式存储器 Strata Flash Memory / 1 Gbit P30 Family CAP 0.01UF 63V 10% MET-POLY-BOX RAD5MM 7.5X6.5X2.5MM BULK 8M X 16 FLASH 1.8V PROM, 85 ns, PBGA88 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-41 Intel StrataFlash Embedded Memory
|
Intel Corp. http:// Intel, Corp. Intel Corporation
|
JS28F256P30B95A RD48F4000P0ZBQ0 JS28F128P30T85A TE |
Numonyx StrataFlash Embedded Memory Numonyx?StrataFlash? Embedded Memory (P30)
|
Micron Technology Numonyx B.V
|
28F128P30 |
StrataFlash Embedded Memory
|
Intel Corporation
|
PC28F128P30 |
Numonyx StrataFlash Embedded Memory
|
Numonyx
|
GDS1110BC |
Intel? Pentium? M Processor with Intel? 855GME and Intel? FW82801DB Development Kit
|
Intel Corporation
|