PART |
Description |
Maker |
UNO-1019 UNO-1019ACE-A1E UNO-1019ACE-A2E PCLS-DIAG |
Marvell XScale UNO with 2 x LAN, 4 x COM, 4 x DI/O
|
Advantech Co., Ltd.
|
IDT72V845L20PFI IDT72V845L20PF IDT72V845L15PFI IDT |
4K x 18 DualSync FIFO, 3.3V 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 From old datasheet system 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18 DUAL 512 x 18 DUAL 1024 x 18 DUAL 2048 x 18 2K x 18 DualSync FIFO, 3.3V 256 x 18 DualSync FIFO, 3.3V
|
IDT[Integrated Device Technology]
|
HCF4518 HCF4518B HCF4518BC1 HCF4518BEY HCF4518BF H |
Dual Up-Counters(???璁℃??? DUAL UP-COUNTERS 双向上计数器 Replaced by SN54S74 : Dual D-type Positive-Edge-Triggered Flip-Flops With Preset And Clear 14-CDIP -55 to 125 Dual Up-Counters(双加计数
|
STMicroelectronics N.V. 意法半导 ST Microelectronics SGS Thomson Microelectronics
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT7284L15 IDT7282L15PAI IDT7281L12 IDT7280L12 IDT |
ACB 5C 2#8 3#12 PIN PLUG CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 1K X 9 BI-DIRECTIONAL FIFO, 15 ns, PDSO56 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 CMOS双异步FIFO256 × 9,双512 × 9,双1,024 × 9,双2,048 × 9,双4,096 × 9,双8,192 × 9 CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9 CMOS双异步FIFO56 × 9,双512 × 9,双1,024 × 9,双2,048 × 9,双4,096 × 9,双8,192 × 9 1K x 9 DualAsync FIFO, 5.0V 8K x 9 DualAsync FIFO, 5.0V 256 x 9 DualAsync FIFO, 5.0V 512 x 9 DualAsync FIFO, 5.0V 4K x 9 DualAsync FIFO, 5.0V 2K x 9 DualAsync FIFO, 5.0V
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
HIP6019B HIP6019BCB |
Dual PWM Dual Linear, Micro Core/I-O/Clock/GTL, TTL 5-Bit VID DAC, Reg Core %/I-O %/Linear .5% Advanced Dual PWM and Dual Linear Power Control
|
Intersil Corporation
|
AD7237AACHIPS AD7247AACHIPS AD7237ATQ AD7237A-15 |
LC MOS Dual 12-Bit DACPORTs Dual 12-Bit Complete DAC with Double Buffered Byte Loading Dual 12-Bit DACPORT with Parallel Load 0.001UF(1000PF) 20% 1KV Y5V RAD DUAL, PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 12-BIT DAC, CDIP24
|
Analog Devices, Inc.
|
24LC41 24LC41-IP 24LC41-P |
1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM 1K/4K 2.5V的双模式,双端口的I 2 C串行EEPROM 1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM 1K/4K 2.5V的双模式,双端口I 2 C串行EEPROM 1K/4K 2.5V Dual Mode, Dual Port I 2 C Serial EEPROM 1K/4K2.5VDualMode/DualPortI2CSerialEEPROM
|
Microchip Technology, Inc. Microchip Technology Inc.
|
IDT7015L17PFB IDT7015S17PFB IDT7015L12JB IDT7015S1 |
HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 17 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 高K的9双端口静态RAM HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 35 ns, PQFP80 LED/TAPE AND REEL OR BULK//YELLOW RIGHT ANGLE 8K X 9 DUAL-PORT SRAM, 35 ns, PQCC68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 15 ns, CPGA68 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 25 ns, PQFP80 HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM 8K X 9 DUAL-PORT SRAM, 12 ns, CPGA68
|
Integrated Device Technology, Inc.
|
|