PART |
Description |
Maker |
B0727-B |
DSL transformer, for Broadcom BCM6348, SMT, not RoHS
|
COILCRAFT INC
|
B0727-BL B0727-BLD |
ADSL2 Transformer DSL transformer, for Broadcom BCM6348, SMT, not RoHS TELECOM TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
B6020 B6019 BX6031 |
Home Phone Networking Bandpass Filter (SMT) for Broadcom's iLine 10 Chipset (1/02) I2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR 1 FUNCTIONS, TIP/RING FILTER
|
PULSE ELECTRONICS CORP
|
72V85L15PAG 72V81L15PAGI 72V81L20PAGI 72V82L15PAGI |
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
|
Integrated Device Technology
|
IDT72815LB IDT72835LB IDT72805LB IDT72845LB IDT728 |
CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 CMOS DUAL SyncFIFO?
|
IDT[Integrated Device Technology]
|
IDT72V845L20PFI IDT72V845L20PF IDT72V845L15PFI IDT |
4K x 18 DualSync FIFO, 3.3V 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 From old datasheet system 3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18 DUAL 512 x 18 DUAL 1024 x 18 DUAL 2048 x 18 2K x 18 DualSync FIFO, 3.3V 256 x 18 DualSync FIFO, 3.3V
|
IDT[Integrated Device Technology]
|
HCF4518 HCF4518B HCF4518BC1 HCF4518BEY HCF4518BF H |
Dual Up-Counters(???璁℃??? DUAL UP-COUNTERS 双向上计数器 Replaced by SN54S74 : Dual D-type Positive-Edge-Triggered Flip-Flops With Preset And Clear 14-CDIP -55 to 125 Dual Up-Counters(双加计数
|
STMicroelectronics N.V. 意法半导 ST Microelectronics SGS Thomson Microelectronics
|
HIP6019B HIP6019BCB |
Dual PWM Dual Linear, Micro Core/I-O/Clock/GTL, TTL 5-Bit VID DAC, Reg Core %/I-O %/Linear .5% Advanced Dual PWM and Dual Linear Power Control
|
Intersil Corporation
|
AAT4670IKS-B1 AAT4670IHS-T1 AAT4670IHS-B1 AAT4670I |
Low-Cost Molded VRS Sensor, 6,4 mm [0.250 in] Dual-Input Dual-Output Load Switches Dual-Input/ Dual-Output Load Switches Dual-Input, Dual-Output Load Switches
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
MC54-74HC390 MC54HC390J MC74HC390D MC74HC390N MC54 |
Dual 4-Stage Binary Ripple Counter with ±2 and ±5 Sections HC/UH SERIES, ASYN NEGATIVE EDGE TRIGGERED 3-BIT UP DECADE COUNTER, PDIP16 Dual 4-Stage Binary Ripple Counter with ±2and ±5 Sections Dual 4-Stage Binary Ripple Counter with ÷2 and ÷5 Sections Dual 4-Stage Binary Ripple Counter with 2and 5 Sections DUAL 4-STAGE BLNARY RIPPLE COUNTER WITH *2 AND * 5 SECTIONS From old datasheet system Dual 4-Stage Binary Ripple Counter with and Sections Dual 4-Stage Binary Ripple Counter with 2 and 5 Sections High-Performance Silicon-Gate CMOS Dual 4-Stage Binary Ripple Counter with and Sections
|
Motorola, Inc. MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor]
|
OMA2541SK OMA2541SKC OMA2541SD OMA2541SKB OMA2541S |
DUAL OP-AMP, 2000 uV OFFSET-MAX, 1.6 MHz BAND WIDTH, MBFM8 Dual Hi-Rel Operational Amplifier in a TO-3-8 package DUAL HIGH POWER OPERATIONAL AMPLIFIER
|
International Rectifier ETC[ETC] List of Unclassifed Manufacturers
|
FAN5236QSC |
Dual Mobile-Friendly DDR / Dual-output PWM Controller DUAL SWITCHING CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO28
|
Fairchild Semiconductor, Corp.
|